Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101C Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 101C
Description  The Ultimate in Cold Performance and ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 101C Datasheet HTML 4Page - Cornell Dubilier Electronics 101C Datasheet HTML 5Page - Cornell Dubilier Electronics 101C Datasheet HTML 6Page - Cornell Dubilier Electronics 101C Datasheet HTML 7Page - Cornell Dubilier Electronics 101C Datasheet HTML 8Page - Cornell Dubilier Electronics 101C Datasheet HTML 9Page - Cornell Dubilier Electronics 101C Datasheet HTML 10Page - Cornell Dubilier Electronics 101C Datasheet HTML 11Page - Cornell Dubilier Electronics 101C Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
Cap.
(µF)
ESR Max Ripple Max
Catalog
@ 25 °C
@ 85 °C
Part Number
120 Hz
120 Hz
(mΩ)
(A)
Nominal Size
D x L
(in)
63 Vdc (85 Vdc Surge)
2,800
5,000
7,200
101C282U063AK2B
57.9
4.9
101C502U063AA2B
35.5
7.3
101C722U063AH2B
25.8
9.8
1 3/8 x 1 5/8
1 3/8 x 2 1/8
1 3/8 x 2 5/8
8,800
8,900
9,400
101C882U063BA2B
22.8
12.6
101C892U063EA2B
28.0
10.4
101C942U063AB2B
20.4
12.0
2 x 2 1/8
1 3/4 x 2 1/8
1 3/8 x 3 1/8
12,000
13,000
14,000
101C123U063AJ2B
17.1
14.0
101C133U063EH2B
20.4
13.2
101C143U063BH2B
15.4
16.5
1 3/8 x 3 5/8
1 3/4 x 2 5/8
2 x 2 5/8
14,000
16,000
17,000
101C143U063AC2B
14.8
15.8
101C163U063AD2B
13.2
17.4
101C173U063EB2B
16.1
15.8
1 3/8 x 4 1/8
1 3/8 x 4 5/8
1 3/4 x 3 1/8
18,000
19,000
20,000
101C183U063AE2B
12.0
19.0
101C193U063BB2B
10.2
21.5
101C203U063AF2B
11.0
20.5
1 3/8 x 5 1/8
2 x 3 1/8
1 3/8 x 5 5/8
21,000
23,000
24,000
101C213U063EJ2B
13.5
18.2
101C233U063CH2B
11.3
22.1
101C243U063BJ2B
9.6
23.4
1 3/4 x 3 5/8
2 1/2 x 2 5/8
2 x 3 5/8
25,000
29,000
29,000
101C253U063EC2B
11.0
21.1
101C293U063ED2B
10.0
23.0
101C293U063BC2B
8.2
26.4
1 3/4 x 4 1/8
1 3/4 x 4 5/8
2 x 4 1/8
31,000
33,000
34,000
101C313U063CB2B
8.6
26.9
101C333U063EE2B
9.3
24.8
101C343U063BD2B
7.2
29.3
2 1/2 x 3 1/8
1 3/4 x 5 1/8
2 x 4 5/8
37,000
39,000
40,000
101C373U063EF2B
8.8
26.3
101C393U063BE2B
6.5
32.0
101C403U063CJ2D
7.0
31.4
1 3/4 x 5 5/8
2 x 5 1/8
2 1/2 x 3 5/8
44,000
47,000
48,000
101C443U063BF2B
5.9
34.6
101C473U063DB2B
9.3
29.0
101C483U063CC2D
5.6
36.4
2 x 5 5/8
3 x 3 1/8
2 1/2 x 4 1/8
56,000
59,000
65,000
101C563U063CD2D
5.2
39.5
101C593U063DJ2D
7.5
33.8
101C653U063CE2D
4.6
43.3
2 1/2 x 4 5/8
3 x 3 5/8
2 1/2 x 5 1/8
72,000
73,000
84,000
101C723U063DC2D
6.0
39.5
101C733U063CF2D
4.2
46.8
101C843U063DD2D
5.6
42.5
3 x 4 1/8
2 1/2 x 5 5/8
3 x 4 5/8
97,000
110,000
120,000
101C973U063DE2D
5.0
46.5
101C114U063DF2D
4.5
50.2
101C124U063DP2D
4.3
52.0
3 x 5 1/8
3 x 5 5/8
3 x 5 7/8
160,000
180,000
101C164U063DN2D
3.6
62.2
101C184U063DG2D
3.2
68.2
3 x 7 5/8
3 x 8 5/8
Cap.
(µF)
ESR Max Ripple Max
Catalog
@ 25 °C
@ 85 °C
Part Number
120 Hz
120 Hz
(mΩ)
(A)
Nominal Size
D x L
(in)
75 Vdc (100 Vdc Surge)
2,100
3,600
5,200
101C212U075AK2B
97.3
3.8
101C362U075AA2B
67.2
5.3
101C522U075AH2B
50.0
7.0
1 3/8 x 1 5/8
1 3/8 x 2 1/8
1 3/8 x 2 5/8
6,400
6,500
6,800
101C642U075BA2B
40.7
9.4
101C652U075EA2B
47.5
8.0
101C682U075AB2B
39.3
8.7
2 x 2 1/8
1 3/4 x 2 1/8
1 3/8 x 3 1/8
8,400
9,400
10,000
101C842U075AJ2B
32.5
10.1
101C942U075EH2B
34.2
10.2
101C103U075AC2B
27.9
11.5
1 3/8 x 3 5/8
1 3/4 x 2 5/8
1 3/8 x 4 1/8
10,000
12,000
12,000
101C103U075BH2B
27.4
12.4
101C123U075EB2B
27.0
12.2
101C123U075AD2B
24.5
12.8
2 x 2 5/8
1 3/4 x 3 1/8
1 3/8 x 4 5/8
13,000
14,000
15,000
101C133U075AE2B
22.0
14.0
101C143U075BB2B
18.0
16.2
101C153U075EJ2B
22.4
14.1
1 3/8 x 5 1/8
2 x 3 1/8
1 3/4 x 3 5/8
15,000
17,000
17,000
101C153U075AF2B
20.0
15.2
101C173U075CH2B
18.9
17.1
101C173U075BJ2B
16.8
17.7
1 3/8 x 5 5/8
2 1/2 x 2 5/8
2 x 3 5/8
18,000
21,000
21,000
101C183U075EC2B
18.0
16.5
101C213U075ED2B
16.2
18.1
101C213U075BC2B
12.7
21.2
1 3/4 x 4 1/8
1 3/4 x 4 5/8
2 x 4 1/8
23,000
24,000
25,000
101C233U075CB2B
14.3
20.8
101C243U075EE2B
14.8
19.6
101C253U075BD2B
12.3
22.4
2 1/2 x 3 1/8
1 3/4 x 5 1/8
2 x 4 5/8
27,000
28,000
29,000
101C273U075EF2B
13.9
20.9
101C283U075BE2B
11.0
24.6
101C293U075CJ2B
11.5
24.4
1 3/4 x 5 5/8
2 x 5 1/8
2 1/2 x 3 5/8
32,000
34,000
35,000
101C323U075BF2B
9.9
26.7
101C343U075DB2B
13.3
24.2
101C353U075CC2B
8.7
29.4
2 x 5 5/8
3 x 3 1/8
2 1/2 x 4 1/8
41,000
43,000
47,000
101C413U075CD2D
8.4
30.9
101C433U075DJ2B
10.8
28.2
101C473U075CE2D
7.5
34.0
2 1/2 x 4 5/8
3 x 3 5/8
2 1/2 x 5 1/8
52,000
53,000
61,000
101C523U075DC2D
7.6
35.0
101C533U075CF2D
6.7
36.9
101C613U075DD2D
7.9
35.7
3 x 4 1/8
2 1/2 x 5 5/8
3 x 4 5/8
70,000
79,000
83,000
101C703U075DE2D
6.1
42.0
101C793U075DF2D
6.0
43.5
101C833U075DP2D
5.7
45.1
3 x 5 1/8
3 x 5 5/8
3 x 5 7/8
110,000
130,000
101C114U075DN2D
4.7
54.7
101C134U075DG2D
4.1
60.3
3 x 7 5/8
3 x 8 5/8
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com