Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D03 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DR10D03
Description  DIN Rail Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D03 Datasheet(HTML) 1 Page - Crydom Inc.,

  DR10D03 Datasheet HTML 1Page - Crydom Inc., DR10D03 Datasheet HTML 2Page - Crydom Inc., DR10D03 Datasheet HTML 3Page - Crydom Inc., DR10D03 Datasheet HTML 4Page - Crydom Inc., DR10D03 Datasheet HTML 5Page - Crydom Inc., DR10D03 Datasheet HTML 6Page - Crydom Inc., DR10D03 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
SeriesOne DR Series
• Ratings 3 Amps
• Load voltage ratings of 1-60 VDC, 1-100 VDC, 24-280 VAC and 48-600 VAC
• Fits standard 35mm DIN Rail
• LED input status indicator
• AC or DC control
• Zero Voltage (resistive loads) or Instantaneous (inductive loads) turn-on output
• UL and cUL Listed, HP Rated CE & RoHS Compliant
• UL 508 Endurance Rating for Enhanced Reliability
• UL Class I and II, Division 2, for Hazardous Locations
PRODUCT SELECTION
Control Voltage
280V, 3 A
600V, 3 A
60V, 3 A
100V, 3 A
4-32 VDC
DR10D03
90-140 VAC
200-280 VAC
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS AC Output (2)
Description
DR24x03
DR48x03
DR06D03
DR10D03
Operating Voltage (3)
24-280 Vrms
48-600 Vrms
1-60 VDC
1-100 VDC
Transient Overvoltage [Vpk]
600
1200
N/A
N/A
Maximum Load Current, resistive (4)
3 Arms
3 Arms
3
3
150 mArms
150 mArms
2.5 mAdc
2.5 mAdc
0.1
0.1
0.1
0.1
Minimum Load Current
500
500
N/A
N/A
Maximum Surge Current (50/60Hz, 1 cycle) [Apk]
1.3
1.3
0.6
0.6
Maximum On-State Voltage Drop @ Rated Current [Vpk]
285/300
285/300
60
60
410/375
410/375
N/A
N/A
Maximum I²t for Fusing (50/60 Hz, 1/2 cycle) [A² sec]
1/4 (.18)
1/4 (.18)
N/A
N/A
N/A
1/3 (.25)
N/A
N/A
18-36 VAC
DR24D03
DR24B03
DR24A03
DR48D03
DR06D03
DR24E03
Maximum Off-State Leakage Current @ Rated Voltage [mA]
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/
µsec] (5)
HP Rating UL 508/IEC60947 [HP (KW)] @ 240V
Minimum Power Factor (at Maximum Load)
Min/Max stranded wire
HP Rating UL 508/IEC60947 [HP (KW)] @ 380V
HP Rating UL 508/IEC60947 [HP (KW)] @ 480V
Min/Max solid wire
Weight (Typical)
N/A
N/A
1/2 (.37)
N/A
0.5
0.5
N/A
N/A
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
1.76 oz. (50g)
1.76 oz. (50g)
1.76 oz. (50g)
1.76 oz. (50g)
AC
Output
Only
Series
Operating Voltage
06: 1-60 VDC
10: 1-100 VDC
24: 24-280 VAC
48: 48-600 VAC
Rated Load Current
03: 3 Amps
Control Voltage
D: 4-32 VDC
A: 200-265 VAC
B: 90-140 VAC
E: 18-36 VAC (1)
03
06
D
DR
X
Agency Approvals
X: ATEX II 3G Ex nA IIC T4 Gc
approved
Switching Type
Blank: Zero Voltage Turn-On
(AC Output Only)
R: Instantaneous Turn-On
(AC Output)
R
Required for valid part number
For options only and not required for valid part number
DC
AC
Datasheet
DIN Rail Mount


Similar Part No. - DR10D03

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DR10D03 SENSATA-DR10D03 Datasheet
326Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR10D03X CRYDOM-DR10D03X Datasheet
927Kb / 7P
DIN Rail Mount
DR10D03XR CRYDOM-DR10D03XR Datasheet
927Kb / 7P
DIN Rail Mount
More results

Similar Description - DR10D03

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
DIN Rail Mount
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
DIN rail mount
CKR24 CRYDOM-CKR24_17 Datasheet
586Kb / 5P
DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com