Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1794CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LT1794CSW
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1794CSW Datasheet(HTML) 3 Page - Linear Technology

  LT1794CSW Datasheet HTML 1Page - Linear Technology LT1794CSW Datasheet HTML 2Page - Linear Technology LT1794CSW Datasheet HTML 3Page - Linear Technology LT1794CSW Datasheet HTML 4Page - Linear Technology LT1794CSW Datasheet HTML 5Page - Linear Technology LT1794CSW Datasheet HTML 6Page - Linear Technology LT1794CSW Datasheet HTML 7Page - Linear Technology LT1794CSW Datasheet HTML 8Page - Linear Technology LT1794CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1794
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Input Capacitance
3pF
Input Voltage Range (Positive)
(Note 5)
q
V+ – 2
V+ – 1
V
Input Voltage Range (Negative)
(Note 5)
q
V– + 1
V– + 2
V
CMRR
Common Mode Rejection Ratio
VCM = (V+ – 2V) to (V– + 2V)
74
83
dB
q
66
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±15V
74
88
dB
q
66
dB
AVOL
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±13V, RL = 100Ω
70
82
dB
q
64
dB
VS = ±12V, VOUT = ±10V, RL = 40Ω
63
76
dB
q
57
dB
VS = ±5V, VOUT = ±3V, RL = 25Ω
60
70
dB
q
54
dB
VOUT
Output Swing
VS = ±15V, RL = 100Ω
13.8
14.0
±V
q
13.6
±V
VS = ±15V, IL = 250mA
13.6
13.9
±V
q
13.4
±V
VS = ±12V, RL = 100Ω
10.9
11.1
±V
q
10.7
±V
VS = ±12V, IL = 250mA
10.6
10.9
±V
q
10.4
±V
VS = ±5V, RL = 25Ω
3.7
4.0
±V
q
3.5
±V
VS = ±5V, IL = 250mA
3.6
3.9
±V
q
3.4
±V
IOUT
Maximum Output Current
VS = ±15V, RL = 1Ω
500
720
mA
IS
Supply Current per Amplifier
VS = ±15V, RBIAS = 24.9k (Note 6)
10
13
18
mA
q
820
mA
VS = ±12V, RBIAS = 24.9k (Note 6)
8.0
10
13.5
mA
q
6.7
15.0
mA
VS = ±12V, RBIAS = 32.4k (Note 6)
8
mA
VS = ±12V, RBIAS = 43.2k (Note 6)
6
mA
VS = ±12V, RBIAS = 66.5k (Note 6)
4
mA
VS = ±5V, RBIAS = 24.9k (Note 6)
2.2
3.4
5.0
mA
q
1.8
5.8
mA
Supply Current in Shutdown
VSHDN = 0.4V
0.1
1
mA
Output Leakage in Shutdown
VSHDN = 0.4V
0.3
1
mA
Channel Separation
VS = ±12V, VOUT = ±10V, RL = 40Ω
80
110
dB
q
77
dB
SR
Slew Rate
VS = ±15V, AV = – 10, (Note 7)
300
600
V/
µs
VS = ±5V, AV = –10, (Note 7)
100
200
V/
µs
HD2
Differential 2nd Harmonic Distortion
VS = ±12V, AV = 10, 2VP-P, RL = 50Ω, 1MHz
–85
dBc
HD3
Differential 3rd Harmonic Distortion
VS = ±12V, AV = 10, 2VP-P, RL = 50Ω, 1MHz
– 82
dBc
GBW
Gain Bandwidth
f = 1MHz
200
MHz
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
VCM = 0V, pulse tested, ±5V ≤ VS ≤ ±15V, VSHDNREF = 0V, RBIAS = 24.9k between V
+ and SHDN unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com