Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26721 Datasheet(PDF) 8 Page - ams AG

Part # TSL26721
Description  Digital Proximity Detector
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26721 Datasheet(HTML) 8 Page - ams AG

Back Button TSL26721 Datasheet HTML 4Page - ams AG TSL26721 Datasheet HTML 5Page - ams AG TSL26721 Datasheet HTML 6Page - ams AG TSL26721 Datasheet HTML 7Page - ams AG TSL26721 Datasheet HTML 8Page - ams AG TSL26721 Datasheet HTML 9Page - ams AG TSL26721 Datasheet HTML 10Page - ams AG TSL26721 Datasheet HTML 11Page - ams AG TSL26721 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-23
TSL2672 − Absolute Maximum R atings
Note(s):
1. Parameter is ensured by design or characterization and is not tested.
2. Proximity noise is defined as one standard deviation of 600 samples.
3. Proximity noise typically increases as √PPULSE
4. Greater operating distances are achievable with appropriate optical system design considerations. See available ams application
notes for additional information.
5. Maximum operating distance is dependent upon emitter and the reflective properties of the object’s surface.
6. Proximity noise test was done using the following circuit:
Gain scaling, relative
to 1x gain setting
PGAIN = 2x
2
x
PGAIN = 4x
4
PGAIN = 8x
8
Noise (1) (2) (3)
Ee = 0, PTIME = 0xFB, PPULSE = 4
(6)
CH0 diode
0.5
%FS
CH1 diode
0.5
LED pulse count (1)
0255
pulses
LED pulse period
16.0
μs
LED pulse width —
LED ON time
7.3
μs
LED drive current
ISINK sink current
@ 1.6 V, LDR pin
120 mA: PDRIVE = 0 & PDL = 0
87
116
145
mA
60 mA: PDRIVE = 1 & PDL = 0
58
30 mA: PDRIVE = 2 & PDL = 0
29
15 mA: PDRIVE = 3 & PDL = 0
14.5
15 mA: PDRIVE = 0 & PDL =1
12.9
7.5 mA: PDRIVE =1 & PDL =1
6.4
3.8 mA: PDRIVE =2 & PDL =1
3.2
1.9 mA: PDRIVE =3 & PDL =1
1.6
Maximum operating
distance (1)(4)(5)
PDRIVE = 0 and PDL = 0 (116 mA), PPULSE = 64
18
inches
Emitter:
λp = 850 nm, 20º half angle, and 60 mW/sr
Object: 16
× 20-inch, 90% reflective Kodak Gray
Card (white surface)
Optics: Open view (no glass, no optical
attenuation)
Parameter
Test Conditions
Min
Typ
Max
Unit
TSL2672
VDD
1
mF
22
W
15.0
W
1
34
VDD
GND
LDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com