Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LQ331M350J042 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 380LQ331M350J042
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M350J042 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 380LQ331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LQ331M350J042 Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Cap.
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(uF)
(ohms)
(ohms)
(A)
(A)
(mm)
420 Vdc (470 Vdc Surge)
220
380LQ221M420H452
0.905
0.407
1.50
2.10
22 x 45
270
380LQ271M420J452
0.737
0.332
1.70
2.30
25 x 45
330
380LQ331M420J052
0.603
0.302
2.01
2.81
25 x 50
330
380LQ331M420K022
0.603
0.302
1.95
2.75
30 x 30
390
380LQ391M420K032
0.510
0.255
2.15
3.05
30 x 35
390
380LQ391M420K042
0.510
0.255
2.10
3.00
30 x 40
470
380LQ471M420K042
0.423
0.212
2.45
3.40
30 x 40
470
380LQ471M420A032
0.423
0.212
2.45
3.40
35 x 35
560
380LQ561M420K452
0.355
0.178
2.75
3.85
30 x 45
560
380LQ561M420A042
0.355
0.178
2.75
3.85
35 x 40
680
380LQ681M420A452
0.293
0.146
3.10
4.35
35 x 45
450 Vdc (500 Vdc Surge)
82
380LQ820M450H022
2.430
1.210
0.83
1.16
22 x 30
100
380LQ101M450H022
1.990
0.985
0.93
1.30
22 x 30
120
380LQ121M450H022
1.656
0.829
1.04
1.46
22 x 30
150
380LQ151M450H032
1.330
0.660
1.19
1.67
22 x 35
180
380LQ181M450H042
1.110
0.550
1.32
1.85
22 x 40
180
380LQ181M450J022
1.105
0.553
1.35
1.89
25 x 30
220
380LQ221M450H452
0.900
0.450
1.32
1.84
22 x 45
220
380LQ221M450J042
0.904
0.452
1.55
2.17
25 x 40
220
380LQ221M450K022
0.904
0.452
1.55
2.17
30 x 30
220
380LQ221M450A012
0.904
0.452
1.55
2.17
35 x 25
270
380LQ271M450H052
0.740
0.370
1.72
2.42
22 x 50
270
380LQ271M450K022
0.737
0.368
1.78
2.49
30 x 30
330
380LQ331M450J052
0.600
0.300
2.01
2.81
25 x 50
330
380LQ331M450K032
0.603
0.302
1.90
2.60
30 x 35
330
380LQ331M450K042
0.603
0.302
2.01
2.81
30 x 40
330
380LQ331M450A022
0.600
0.300
2.01
2.81
35 x 30
390
380LQ391M450K042
0.510
0.255
2.24
3.14
30 x 40
390
380LQ391M450A032
0.510
0.255
2.24
3.14
35 x 35
470
380LQ471M450K452
0.423
0.212
2.53
3.54
30 x 45
470
380LQ471M450A042
0.423
0.212
2.53
3.54
35 x 40
560
380LQ561M450K052
0.355
0.178
2.82
3.95
30 x 50
560
380LQ561M450A452
0.355
0.178
2.82
3.95
35 x 45
680
380LQ681M450A052
0.293
0.146
3.00
4.25
35 x 50
Type 380LQ 85 °C Compact, High Capacitance Snap-in Capacitors
High Capacitance per Case Size
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com