Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19R103C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 19R103C
Description  Radial Lead Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

19R103C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  19R103C Datasheet HTML 1Page - Murata Power Solutions Inc. 19R103C Datasheet HTML 2Page - Murata Power Solutions Inc. 19R103C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_1900RC_A03 Page 1 of 3
1900R Series
Radial Lead Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Radial format
Up to 7.8A IDC
4.7μH to 100mH
Low DC resistance
PCB mounting
Fully tinned leads
Compatible with RoHS soldering systems
Backward compatible with
Sn/Pb soldering systems
Custom parts available
DESCRIPTION
The 1900R Series is a general purpose range
of inductors suitable for low to medium current
applications such as power supply and other
general purpose filtering designs.
SELECTION GUIDE
Order Code
Inductance,
(1kHz, 0.1VAC)
DC Current1
DC Resistance
±10%
Max.
Max.
μH
A
Ω
19R472C
4.7
±20%
7.8
0.008
19R682C
6.8
±20%
6.7
0.011
19R103C
10
6.0
0.017
19R153C
15
4.8
0.022
19R223C
22
4.0
0.026
19R333C
33
3.7
0.032
19R473C
47
3.4
0.038
19R683C
68
2.9
0.055
19R104C
100
2.2
0.090
19R154C
150
1.9
0.129
19R224C
220
1.6
0.162
19R334C
330
1.34
0.240
19R474C
470
1.09
0.380
19R684C
680
0.91
0.548
19R105C
1.0mH
0.73
0.844
19R155C
1.5mH
0.63
1.2
19R225C
2.2mH
0.50
2.0
19R335C
3.3mH
0.42
2.5
19R475C
4.7mH
0.35
3.5
19R685C
6.8mH
0.29
5.7
19R106C
10mH
0.23
7.3
19R156C
15mH
0.19
12
19R226C
22mH
0.15
22
19R336C
33mH
0.13
26
19R476C
47mH
0.11
36
19R686C
68mH
0.09
57
19R107C
100mH
0.07
90
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to +95°C
Storage temperature range
-40°C to +125°C
SOLDERING INFORMATION2
Peak wave solder temperature
260˚C for 10 seconds
Pin finish
Bright tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs


Similar Part No. - 19R103C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
19R103C MURATA-19R103C Datasheet
109Kb / 3P
Radial Lead Inductors
More results

Similar Description - 19R103C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
Radial Lead Inductors
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com