Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

412R7C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 412R7C
Description  Toroidal Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

412R7C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  412R7C Datasheet HTML 1Page - Murata Power Solutions Inc. 412R7C Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_4100C_C01 Page 1 of 2
4100 Series
Toroidal Surface Mount Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance
(10kHz, 10mVAC)
Inductance Range
(10kHz, 10mVAC)
DC Current1
DC Resistance
Nom.
Min. - Max.
Max.
Max.
μH
μH
A
mΩ
412R7C
2.7
2.1 - 3.5
8.1
14
414R7C
4.7
3.3 - 5.4
6.7
18
416R8C
6.8
4.7 - 7.8
5.7
20
41100C
10
7.3 - 12.2
4.7
24
41150C
15
10.6 - 17.6
4.0
28
41220C
22
15.8 - 26.3
3.3
33
41330C
33
23.8 - 39.6
2.7
38
41470C
47
35.5 - 59.2
2.2
62
41680C
68
52.2 - 87.0
1.75
110
41101C
100
75.2 - 125
1.47
158
41151C
150
114 - 189
1.16
247
41221C
220
164 - 274
1.03
377
41331C
330
247 - 412
0.83
462
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak reflow temperature
245˚C
Pin finish
Pure tin dip
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 75% of its nominal value or when
its temperature rise reaches 40°C, whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
FEATURES
RoHS compliant
2.7μH to 330μH
Surface mount
J-STD-020C reflow
Up to 8.10A IDC
UL94 V-0 package materials
Compact size
Toroidal construction minimizes EMI
Pick & place compatible
Backward compatible with Sn/Pb
soldering systems
DESCRIPTION
The 4100 series is a range of surface mount
toroidal inductors designed for use in switching
power supplies and DC/DC converters. The parts
are ideal for applications requiring low profile
compact components in a surface mount package.


Similar Part No. - 412R7C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
412R7C MURATA-412R7C Datasheet
114Kb / 2P
Toroidal Surface Mount Inductors
More results

Similar Description - 412R7C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
Toroidal Surface Mount Inductors
4100 CANDD-4100 Datasheet
172Kb / 1P
Toroidal Surface Mount Inductors
logo
ECM Electronics Limited...
SMTC30 ECM-SMTC30 Datasheet
148Kb / 1P
Surface Mount Toroidal Inductors
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
Surface Mount Toroidal Inductors
logo
Murata Manufacturing Co...
KMP_4000 MURATA-KMP_4000 Datasheet
103Kb / 2P
Toroidal Surface Mount Inductors
KMP_4100 MURATA-KMP_4100 Datasheet
114Kb / 2P
Toroidal Surface Mount Inductors
KMP_4200 MURATA-KMP_4200 Datasheet
138Kb / 3P
Toroidal Surface Mount Inductors
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
Dual Winding Toroidal Surface Mount Inductors
83683C MURATA-83683C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
ECM Electronics Limited...
SMTC ECM-SMTC Datasheet
152Kb / 1P
ECM Surface Mount Toroidal Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com