Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500R472M350DN0FS Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 500R472M350DN0FS
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R472M350DN0FS Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  500R472M350DN0FS Datasheet HTML 1Page - Cornell Dubilier Electronics 500R472M350DN0FS Datasheet HTML 2Page - Cornell Dubilier Electronics 500R472M350DN0FS Datasheet HTML 3Page - Cornell Dubilier Electronics 500R472M350DN0FS Datasheet HTML 4Page - Cornell Dubilier Electronics 500R472M350DN0FS Datasheet HTML 5Page - Cornell Dubilier Electronics 500R472M350DN0FS Datasheet HTML 6Page - Cornell Dubilier Electronics 500R472M350DN0FS Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
Ratings
Cap
(µF)
ESR Max.
Ripple Amps.
25 ºC
85 ºC
120 Hz 10kHz 120 Hz >3 kHz
Catalog Part
Number
(mΩ) (mΩ)
(A)
(A)
Nominal Size
D x L
(in)
350 Vdc (400 Vdc Surge)
2200
2200
2700
500R222M350BC2B
47
37.6
8.0
11.3
500R222M350BD2B
43
34.4
9.0
12.6
500R272M350BE2B
38
30.4
10.0
14.0
2 X 4 1/8
2 X 4 5/8
2 X 5 1/8
2800
3100
3300
500R282M350CJ2E
36
28.8
10.0
14.0
500R312M350BF2B
33
26.4
11.0
15.4
500R332M350CC2E
30
24.0
12.0
16.8
2 1/2 X 3 5/8
2 X 5 5/8
2 1/2 X 4 1/8
3600
3900
3900
500R362M350CD2E
24
19.2
14.0
19.6
500R392M350CE2E
23
18.4
15.0
21.0
500R392M350DJ2E
23
18.4
14.0
19.6
2 1/2 X 4 5/8
2 1/2 X 5 1/8
3 X 3 5/8
4700
4700
5000
500R472M350CF2E
19
15.2
16.0
22.4
500R472M350DC2E
19
15.2
16.0
22.4
500R502M350CP2E
18
14.4
18.0
25.2
2 1/2 X 5 5/8
3 X 4 1/8
2 1/2 X 5 7/8
5600
6200
6800
500R562M350DD2E
16
12.8
18.0
25.2
500R622M350DE2E
15
12.0
19.0
26.6
500R682M350DF2E
14
11.2
21.0
29.4
3 X 4 5/8
3 X 5 1/8
3 X 5 5/8
6800
7000
7200
500R682M350FC2E
16
12.8
20.2
28.3
500R702M350CN2E
13
10.4
23.0
32.2
500R722M350DP2E
13
10.4
22.0
30.8
3 1/2 X 4 1/8
2 1/2 X 7 5/8
3 X 5 7/8
7700
8200
8200
500R772M350FD2E
14
11.2
21.6
30.2
500R822M350CG2E
12
9.6
24.0
33.6
500R822M350FE2E
12
9.6
24.0
33.6
3 1/2 X 4 5/8
2 1/2 X 8 5/8
3 1/2 X 5 1/8
10000
10000
500R103M350DN2E
9
7.2
28.0
39.2
500R103M350FF2E
10
8.0
27.7
38.8
3 X 7 5/8
3 1/2 X 5 5/8
12000
15000
18000
500R123M350DG2E
8
6.4
32.5
45.5
500R153M350FN2E
6
4.8
38.1
53.4
500R183M350FG2E
6
4.8
44.6
62.5
3 X 8 5/8
3 1/2 X 7 5/8
3 1/2 X 8 5/8
400 Vdc (450 Vdc Surge)
2,200
2,200
2,700
500R222M400BC2B
44.0
35.2
8.3
11.7
500R222M400BD2B
40.0
32.0
9.7
13.5
500R272M400BE2B
37.0
29.6
10.5
14.7
2 X 4 1/8
2 X 4 5/8
2 X 5 1/8
2,700
3,000
3,300
500R272M400CJ2E
37.0
29.6
10.1
14.2
500R302M400BF2B
35.0
28.0
11.0
15.4
500R332M400CC2E
31.0
24.8
11.8
16.5
2 1/2 X 3 5/8
2 X 5 5/8
2 1/2 X 4 1/8
3,600
3,900
3,900
500R362M400CD2E
27.0
21.6
13.1
18.3
500R392M400CE2E
25.0
20.0
13.8
19.3
500R392M400DJ2E
26.0
20.8
13.7
19.1
2 1/2 X 4 5/8
2 1/2 X 5 1/8
3 X 3 5/8
4,700
4,800
5,000
500R472M400CF2E
22.0
17.6
15.4
21.5
500R482M400DC2E
22.0
17.6
15.2
21.3
500R502M400CP2E
20.0
16.0
17.1
24.0
2 1/2 X 5 5/8
3 X 4 1/8
2 1/2 X 5 7/8
5,600
6,300
500R562M400DD2E
19.0
15.2
16.8
23.6
500R632M400DE2E
17.0
13.6
18.6
26.0
3 X 4 5/8
3 X 5 1/8
ESR Max.
Ripple Amps.
25 ºC
85 ºC
Cap
120 Hz 10kHz 120 Hz >3 kHz
Catalog Part
(µF)
Number
(mΩ) (mΩ)
(A)
(A)
Nominal Size
D x L
(in)
400 Vdc (450 Vdc Surge)
6,700 500R672M400FC2E 16.0
12.8
20.0
28.1
6,800 500R682M400DF2E 16.0
12.8
19.9
27.9
6,900 500R692M400CN2E 15.0
12.0
21.2
29.7
3 1/2 X 4 1/8
3 X 5 5/8
2 1/2 X 7 5/8
7,200 500R722M400DP2E 15.0
12.0
20.7
29.0
7,300 500R732M400FD2E 14.0
11.2
21.6
30.2
8,200 500R822M400CG2E 13.0
10.4
24.1
33.7
3 X 5 7/8
3 1/2 X 4 5/8
2 1/2 X 8 5/8
8,200 500R822M400FE2E
13.0
10.4
24.0
33.6
9,200 500R922M400DN2E 12.0
9.6
24.4
34.2
10,000 500R103M400DG2E 10.0
8.0
27.6
38.6
3 1/2 X 5 1/8
3 X 7 5/8
3 X 8 5/8
10,000 500R103M400FF2E
10.0
8.0
27.3
38.2
11,000 500R113M400FF2E
10.0
8.0
28.3
39.7
13,000 500R133M400FN2E
8.0
6.4
32.9
46.0
3 1/2 X 5 5/8
3 1/2 X 5 7/8
3 1/2 X 7 5/8
15,000 500R153M400FG2E
7.0
5.6
38.4
53.7
3 1/2 X 8 5/8
420 Vdc (470 Vdc Surge)
1,600 500R162M420BC2B
81.0
64.8
6.7
9.4
1,700 500R172M420BD2B
75.0
60.0
7.7
10.7
1,900 500R192M420CJ2E
71.0
56.8
7.2
10.1
2 X 4 1/8
2 X 4 5/8
2 1/2 X 3 5/8
2,100 500R212M420BE2B
62.0
49.6
8.7
12.2
2,200 500R222M420BF2B
58.0
46.4
9.2
12.9
2,400 500R242M420CC2E
58.0
46.4
8.6
12.0
2 X 5 1/8
2 X 5 5/8
2 1/2 X 4 1/8
2,600 500R262M420CD2E
50.0
40.0
9.6
13.5
2,800 500R282M420CE2E
46.0
36.8
10.2
14.3
2,800 500R282M420DJ2E
49.0
39.2
10.7
14.9
2 1/2 X 4 5/8
2 1/2 X 5 1/8
3 X 3 5/8
3,400 500R342M420CF2E
39.0
31.2
11.5
16.1
3,400 500R342M420DC2E
40.0
32.0
12.2
17.1
3,600 500R362M420CP2E
37.0
29.6
12.8
18.0
2 1/2 X 5 5/8
3 X 4 1/8
2 1/2 X 5 7/8
4,000 500R402M420DD2E
35.0
28.0
13.4
18.7
4,500 500R452M420DE2E
29.0
23.2
15.2
21.3
4,900 500R492M420CN2E
27.0
21.6
16.3
22.8
3 X 4 5/8
3 X 5 1/8
2 1/2 X 7 5/8
4,900 500R492M420DF2E
26.0
20.8
16.7
23.4
5,000 500R502M420FC2E
28.0
22.4
15.3
21.4
5,200 500R522M420DP2E
26.0
20.8
17.1
23.9
3 X 5 5/8
3 1/2 X 4 1/8
3 X 5 7/8
5,500 500R552M420FD2E
26.0
20.8
16.8
23.5
5,900 500R592M420CG2E
23.0
18.4
18.6
26.1
6,400 500R642M420FE2E
22.0
17.6
19.9
27.9
3 1/2 X 4 5/8
2 1/2 X 8 5/8
3 1/2 X 5 1/8
6,600 500R662M420DN2E
20.0
16.0
20.3
28.4
7,400 500R742M420FF2E
18.0
14.4
23.0
32.2
7,800 500R782M420DG2E
17.0
13.6
22.8
31.9
3 X 7 5/8
3 1/2 X 5 5/8
3 X 8 5/8
8,600 500R862M420FN2E
16.0
12.8
27.4
38.4
11,000 500R113M420FG2E
13.0
10.4
32.8
46.0
3 1/2 X 7 5/8
3 1/2 X 8 5/8
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com