Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28103C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 28103C
Description  Bobbin Wound Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

28103C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  28103C Datasheet HTML 1Page - Murata Power Solutions Inc. 28103C Datasheet HTML 2Page - Murata Power Solutions Inc. 28103C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_2800C_B01 Page 1 of 3
2800 Series
Bobbin Wound Surface Mount Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance
(10kHz, 100mVAC)
Inductance Range
(10kHz, 100mVAC)
DC Current2
DC Resistance
Q@f MHz
SRF
Nom.
Min.-Max.
Max.
Max.
Nom.
Typical
μH
μH
A
mΩ
Q
F
MHz
28102C
1.0
0.68 - 1.02
15.5
2.6
45.6
1.0
104
28152C
1.5
1.12 - 1.68
12.5
3.6
43.9
1.0
72
28222C
2.2
1.56 - 2.34
11.2
4.4
36.9
1.0
58
28332C
3.3
2.84 - 4.26
9.3
7.5
34.6
1.0
42
28472C
4.7
3.68 - 5.52
8.3
10
33.3
1.0
37
28682C
6.8
5.52 - 8.28
6.8
14
31.2
1.0
29
28103C
10
7.84 - 11.76
5.9
18
31.1
1.0
22.5
28153C
15
12.0 - 18.0
4.77
28
31.0
1.0
17.8
28223C
22
17.7 - 26.5
3.85
42
43.5
1.0
14.4
28333C
33
26.2 - 39.4
3.22
63
42.8
1.0
11.8
28473C
47
39.0 - 58.4
2.66
86
31.5
1.0
10.4
28683C
68
55.4 - 83.0
2.16
122
33.9
1.0
8.6
28104C
100
80.8 - 121.2
1.80
174
21.4
0.8
7.7
28154C
150
121 - 181
1.40
276
20.9
0.8
6.7
28224C
220
178 - 266
1.20
381
18.0
0.8
5.8
28334C
330
266 - 398
0.95
575
30.8
0.8
5.0
28474C
470
383 - 575
0.78
816
31.7
0.8
4.3
28684C
680
548 - 822
0.64
1170
20.4
0.8
4.2
28105C
1000
940 - 1150
0.51
1820
21.0
0.8
3.8
28155C
1500
1390 - 1700
0.41
2620
19.8
0.8
3.4
28225C
2200
1960 - 2400
0.35
3720
15.8
0.8
3.3
28335C
3300
3030 - 3700
0.29
5760
12.8
0.8
3.2
ABSOLUTE MAXIMUM RATINGS
Operating temperature range
-40°C to 125°C
Storage temperature range
-40°C to 150°C
SOLDERING INFORMATION1
Peak reflow solder temperature
245°C
Pin finish
Tin
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Recommended Footprint Details
Specifications typical at T
A
= 25°C
1 For further information, please visit
www.murata-ps.com/rohs
2 The maximum DC current is the value at which the
inductance falls to 75% of its nominal value or when its
temperature rise reaches 40°C, whichever is sooner.
Package weight: 3.9g Typ.
All dimensions in mm (inches)
Dot signifies the innermost turn of the winding
FEATURES
RoHS compliant
Compact size, low profile
Surface mount design
Inductance range from 1.0μH to 3.3mH
Tape & reel packaging
UL 94V-0
J-STD-020C reflow
Custom solutions available
The 2800 series is a range of bobbin-wound,
surface-mount inductors designed for use in
switching power supply, and power line filter
circuits. The parts are suitable for any application
requiring a high saturation current in a miniature
surface-mount footprint.
PRODUCT OVERVIEW
15.2
(0.598)
Max.
7.6
(0.299)
Max.
18.5 (0.728)
Max.
XYYWW
28102C
1.9
(0.075)
6.35
(0.25)
14.0 (0.551)


Similar Part No. - 28103C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
28103C MURATA-28103C Datasheet
133Kb / 3P
Bobbin Wound Surface Mount Inductors
More results

Similar Description - 28103C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
2300 CANDD-2300 Datasheet
51Kb / 2P
Bobbin Wound Surface Mount Inductors
2400 CANDD-2400 Datasheet
100Kb / 2P
Bobbin Wound Surface Mount Inductors
2600 CANDD-2600 Datasheet
101Kb / 2P
Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2300 MURATA-KMP_2300 Datasheet
135Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2600 MURATA-KMP_2600 Datasheet
156Kb / 4P
Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2200RM MURATA-PS-2200RM Datasheet
185Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com