Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29103C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 29103C
Description  Shielded Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

29103C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  29103C Datasheet HTML 1Page - Murata Power Solutions Inc. 29103C Datasheet HTML 2Page - Murata Power Solutions Inc. 29103C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_2900C_C01 Page 1 of 3
2900 Series
Shielded Surface Mount Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
The 2900 series is a range of bobbin-wound,
shielded inductors. They are suitable for power-
line filtering found in consumer electronics such
as desktop computers, handheld devices and GPS
systems, as well as in a vast range of industrial
and telecom applications including network hubs,
bridges & routers, and high frequency wireless
communication devices.
These surface mount inductors are extremely
compact and have an integral shield, making them
useful in EMI sensitive applications.
For lower current ratings see also our lower
profile 2900L series.
PRODUCT OVERVIEW
SELECTION GUIDE
Order Code
Inductance (10kHz, 0.1VAC)
Idc2
Rdc
Nom.
Min. – Max.
Max.
Max.
μH
μH
A
mΩ
29102C
1.0
0.70 – 1.30
6.0
16
29152C
1.5
1.05 – 1.95
5.5
18
29222C
2.2
1.54 – 2.86
5.0
20
29332C
3.3
2.31 – 4.29
4.0
28
29472C
4.7
3.29 – 6.11
2.3
30
29682C
6.8
4.76 – 8.84
2.1
40
29103C
10
8.0 – 12.0
1.8
45
29153C
15
12.0 – 18.0
1.5
65
29223C
22
17.6 – 26.4
1.2
85
29333C
33
26.4 – 39.6
1.0
120
29473C
47
37.6 – 56.4
850mA
170
29683C
68
54.4 – 81.6
650mA
250
29104C
100
80.0 – 120
530mA
360
29154C
150
120 – 180
470mA
500
29224C
220
176 – 264
380mA
760
29334C
330
264 – 396
320mA
1000
29474C
470
376 – 564
260mA
1600
29684C
680
544 – 816
210mA
2400
29105C
1000
800 – 1200
180mA
4100
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION1
Peak reflow solder temperature
250˚C
Pin finish
Tin
Moisture sensitivity level3
1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
* Distance between the outside ends of the terminations is 6.6±1.5 (0.26±0.06)
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Package weight: 0.7g Typ.
2.0 (0.079) Ref.
2.6 (0.102) Ref.
Recommended Footprint Details*
7.2 (0.283) Max.
4.0 (0.157) Max.
7.2 (0.283) Max.
2.1± 0.1
(0.083±0.004)
102C
FEATURES
„ RoHS compliant
„ Low profile
„ Surface mount
„ Inductance range from 1.0μH to 1.0mH
„ Tape & reel
„ UL 94V-0 materials
„ J-STD-020D.1 reflow
1 For further information, please visit www.murata-ps.com/rohs
2 The maximum DC current is the value at which the inductance
falls to 75% of its nominal value or when its temperature rise
reaches 40°C, whichever is sooner.
3 When tested to moisture sensitivity level 1, as described per
IPC/JEDEC J-STD-020D, products passed electrical testing,
package coplanarity and visual inspection.
All specifications typical at T
A=25°C


Similar Part No. - 29103C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
29103C MURATA-29103C Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
More results

Similar Description - 29103C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com