Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ADC0804
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ADC0804 Datasheet HTML 1Page - Renesas Technology Corp ADC0804 Datasheet HTML 2Page - Renesas Technology Corp ADC0804 Datasheet HTML 3Page - Renesas Technology Corp ADC0804 Datasheet HTML 4Page - Renesas Technology Corp ADC0804 Datasheet HTML 5Page - Renesas Technology Corp ADC0804 Datasheet HTML 6Page - Renesas Technology Corp ADC0804 Datasheet HTML 7Page - Renesas Technology Corp ADC0804 Datasheet HTML 8Page - Renesas Technology Corp ADC0804 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN3094 Rev 4.00
Page 1 of 17
August 2002
FN3094
Rev 4.00
August 2002
ADC0803, ADC0804
8-Bit, Microprocessor-Compatible, A/D Converters
DATASHEET
The ADC080X family are CMOS 8-Bit,
successive-approximation A/D converters which use a
modified potentiometric ladder and are designed to operate
with the 8080A control bus via three-state outputs. These
converters appear to the processor as memory locations or
I/O ports, and hence no interfacing logic is required.
The differential analog voltage input has good common-
mode-rejection and permits offsetting the analog zero-input-
voltage value. In addition, the voltage reference input can be
adjusted to allow encoding any smaller analog voltage span
to the full 8 bits of resolution.
Typical Application Schematic
Features
• 80C48 and 80C80/85 Bus Compatible - No Interfacing
Logic Required
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . <100
s
• Easy Interface to Most Microprocessors
• Will Operate in a “Stand Alone” Mode
• Differential Analog Voltage Inputs
• Works with Bandgap Voltage References
• TTL Compatible Inputs and Outputs
• On-Chip Clock Generator
• Analog Voltage Input Range
(Single + 5V Supply) . . . . . . . . . . . . . . . . . . . . . . 0V to 5V
• No Zero-Adjust Required
• 80C48 and 80C80/85 Bus Compatible - No Interfacing
Logic Required
Pinout
ADC0803, ADC0804
(PDIP)
TOP VIEW
3
2
1
12
11
5
15
14
13
18
17
16
7
6
10
9
8
4
19
20
WR
RD
CS
DB6
DB7
INTR
DB3
DB4
DB5
DB0
DB1
DB2
CLK IN
CLK R
V+
VIN (-)
VIN (+)
DGND
VREF/2
AGND
ANY
PROCESSOR
8-BIT RESOLUTION
OVER ANY
DESIRED
ANALOG INPUT
VOLTAGE RANGE
DIFF
INPUTS
10K
150pF
VREF/2
+5V
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
WR
RD
CS
CLK IN
INTR
VIN (-)
VIN (+)
DGND
VREF/2
AGND
V+ OR VREF
CLK R
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7 (MSB)
Ordering Information
PART NUMBER
ERROR
EXTERNAL CONDITIONS
TEMP. RANGE (oC)
PACKAGE
PKG. NO
ADC0803LCN
1
/2 LSB
VREF/2 Adjusted for Correct Full Scale
Reading
0 to 70
20 Ld PDIP
E20.3
ADC0804LCN
1 LSB
VREF/2 = 2.500VDC (No Adjustments)
0 to 70
20 Ld PDIP
E20.3


Similar Part No. - ADC0804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0804 INTERSIL-ADC0804 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
logo
NXP Semiconductors
ADC0804 PHILIPS-ADC0804 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0804 NSC-ADC0804 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
More results

Similar Description - ADC0804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
8-Bit muP Compatible A/D Converters
logo
Analog Devices
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com