Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCN Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ADC0804LCN
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804LCN Datasheet(HTML) 4 Page - Renesas Technology Corp

  ADC0804LCN Datasheet HTML 1Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 2Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 3Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 4Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 5Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 6Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 7Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 8Page - Renesas Technology Corp ADC0804LCN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 4 of 17
August 2002
DC DIGITAL LEVELS AND DC SPECIFICATIONS
V+ = 5V, and TMIN to TMAX, Unless Otherwise Specified
CONTROL INPUTS
(Note 7)
Logic “1“ Input Voltage (Except Pin 4 CLK
IN), VINH
V+ = 5.25V
2.0
-
V+
V
Logic “0“ Input Voltage (Except Pin 4 CLK
IN), VINL
V+ = 4.75V
-
-
0.8
V
CLK IN (Pin 4) Positive Going Threshold
Voltage, V+CLK
2.7
3.1
3.5
V
CLK IN (Pin 4) Negative Going Threshold
Voltage, V-CLK
1.5
1.8
2.1
V
CLK IN (Pin 4) Hysteresis, VH
0.6
1.3
2.0
V
Logic “1” Input Current (All Inputs), IINHI
VlN = 5V
-
0.005
1

Logic “0” Input Current (All Inputs), IINLO
VlN = 0V
-1
-0.005
-
A
Supply Current (Includes Ladder Current), I+ fCLK = 640kHz, TA = 25oC and CS = Hl
-
1.3
2.5
mA
DATA OUTPUTS AND INTR
Logic “0” Output Voltage, VOL
lO = 1.6mA, V+ = 4.75V
-
-
0.4
V
Logic “1” Output Voltage, VOH
lO = -360A, V+ = 4.75V
2.4
-
-
V
Three-State Disabled Output Leakage (All
Data Buffers), ILO
VOUT = 0V
-3
-
-
A
VOUT = 5V
-
-
3
A
Output Short Circuit Current, ISOURCE
VOUT Short to GND, TA = 25oC4.5
6
-
mA
Output Short Circuit Current, ISINK
VOUT Short to V+, TA = 25oC9.0
16
-
mA
NOTES:
2. All voltages are measured with respect to GND, unless otherwise specified. The separate AGND point should always be wired to the DGND,
being careful to avoid ground loops.
3. For VIN(-)  VIN(+) the digital output code will be 0000 0000. Two on-chip diodes are tied to each analog input (see Block Diagram) which will
forward conduct for analog input voltages one diode drop below ground or one diode drop greater than the V+ supply. Be careful, during testing
at low V+ levels (4.5V), as high level analog inputs (5V) can cause this input diode to conduct - especially at elevated temperatures, and cause
errors for analog inputs near full scale. As long as the analog VIN does not exceed the supply voltage by more than 50mV, the output code will
be correct. To achieve an absolute 0V to 5V input voltage range will therefore require a minimum supply voltage of 4.950V over temperature
variations, initial tolerance and loading.
4. With V+ = 6V, the digital logic interfaces are no longer TTL compatible.
5. With an asynchronous start pulse, up to 8 clock periods may be required before the internal clock phases are proper to start the conversion process.
6. The CS input is assumed to bracket the WR strobe input so that timing is dependent on the WR pulse width. An arbitrarily wide pulse width will
hold the converter in a reset mode and the start of conversion is initiated by the low to high transition of the WR pulse (see Timing Diagrams).
7. CLK IN (pin 4) is the input of a Schmitt trigger circuit and is therefore specified separately.
8. None of these A/Ds requires a zero-adjust. However, if an all zero code is desired for an analog input other than 0V, or if a narrow full scale span exists
(for example: 0.5V to 4V full scale) the VIN(-) input can be adjusted to achieve this. See the Zero Error description in this data sheet.
Electrical Specifications
(Notes 2, 8) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Timing Waveforms
FIGURE 1A. t1H
FIGURE 1B. t1H, CL = 10pF
10K
V+
RD
CS
CL
DATA
OUTPUT
RD
2.4V
tr
90%
50%
10%
t1H
0.8V
DATA
OUTPUTS
GND
tr = 20ns
VOH
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com