Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7571 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7571 Datasheet HTML 1Page - Renesas Technology Corp EL7571 Datasheet HTML 2Page - Renesas Technology Corp EL7571 Datasheet HTML 3Page - Renesas Technology Corp EL7571 Datasheet HTML 4Page - Renesas Technology Corp EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 2 of 19
October 25, 2004
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 14V
Input Pin Voltage:. . . . . . . . . -.03 below Ground, +0.3 above Supply
VHI. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 27V
Storage Temperature Range: . . . . . . . . . . . . . . . . . 65°C to +150°C
Operating Temperature Range:. . . . . . . . . . . . . . . . . . 0°C to +70°C
Operating Junction Temperature: . . . . . . . . . . . . . . . . . . . . . . 125°C
Peak Output Current:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3A
Power Dissipation: . . . . . . . . . . . . . . . . . . . . . . . . . . . .SO20 500mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = 25°C, VIN = 5V, COSC = 330pF, CSLOPE = 390pF, RSENSE = 7.5m unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
4.5
12.6
V
VUVLO HI
Input Under Voltage Lock out Upper
Limit
Positive going input voltage
3.6
4
4.4
V
VUVLO LO
Input Under Voltage Lock out Lower
Limit
Negative going input voltage
3.15
3.5
3.85
V
VOUT RANGE
Output Voltage Range
See VID table
1.3
3.5
V
VOUT 1
Steady State Output Voltage Accuracy,
VID = 10111
IL = 6.5A, VOUT = 2.8V
2.74
2.82
2.90
V
VOUT 2
Steady State Output Voltage Accuracy,
VID = 00101
IL = 6.5A, VOUT =1.8V
1.74
1.81
1.9
V
VREF
Reference Voltage
1.396
1.41
1.424
V
VILIM
Current Limit Voltage
VILIM = (VCS-VFB)
125
154
185
mV
VIREV
Current Reversal Threshold
VIREV = (VCS-VFB)
-40
-5
20
mV
VOUT PG
Output Voltage Power Good Lower
Level
VOUT = 2.05V
-18
-14
-10
%
Output Voltage Power Good Upper
Level
812
16
%
VOVP
Over-Voltage Protection Threshold
+9
+13
+17
%
VOTEN LO
Power Down Input Low Level
VIN = -10uA
1.5
V
VOTEN HI
Power Down Input High Level
(VIN-1.5)
V
VID LO
Voltage I.D. Input Low Level
1.5
V
VID HI
Voltage I.D. Input High Level
(VIN-1.5)
V
VOSC
Oscillator Voltage Swing
0.85
VP-P
VPWRGD LO
Power Good Output Low Level
IOUT = 1mA
0.5
V
RDS ON
HSD, LSD Switch On-Resistance
VIN, VINP = 12V, IOUT = 100mA,
(VHI-LX) = 12V
4.8
6
RFB
FB Input Impedance
9.5
k
RCS
CS Input Impedance
115
k
IVIN
Quiescent Supply Current
VOTEN>(VIN-0.5)V
1.2
2
mA
IVIN DIS
Supply Current in Output Disable Mode VOTEN<1.5V
0.76
1
mA
ISOURCE/SINK
Peak Driver Output Current
VIN,VINP = 12V, Measured at HSD,
LSD, (VHI-LX) = 12V
2.5
A
IRAMP
CSLOPE Ramp Current
High Side Switch Active
8.5
14
20
µA
IOSC CHARGE
Oscillator Charge Current
1.2>VOSC>0.35V
50
µA
IOSC DISCHARGE Oscillator Discharge Current
1.2>VOSC>0.35V
2
mA
IREFMAX
VREF Output Current
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com