Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80VMP6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M25P80VMP6
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P80VMP6 Datasheet(HTML) 5 Page - STMicroelectronics

  M25P80VMP6 Datasheet HTML 1Page - STMicroelectronics M25P80VMP6 Datasheet HTML 2Page - STMicroelectronics M25P80VMP6 Datasheet HTML 3Page - STMicroelectronics M25P80VMP6 Datasheet HTML 4Page - STMicroelectronics M25P80VMP6 Datasheet HTML 5Page - STMicroelectronics M25P80VMP6 Datasheet HTML 6Page - STMicroelectronics M25P80VMP6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
M25PXX
PART NUMBERING
Table 5. Ordering Information Scheme
Note: 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Cer-
tified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy.
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
M25P80
–
V
MP
6
T
P
Device Type
M25P = Serial Flash Memory for Code Storage
Device Function
32 = 32Mbit (4M x 8)
16 = 16Mbit (2M x 8)
80 = 8Mbit (1M x 8)
40 = 4Mbit (512K x 8)
20 = 2Mbit (256K x 8)
10-A = 1Mbit (128K x 8)
05-A = 512Kbit (64K x 8)
Operating Voltage
V = VCC = 2.7 to 3.6V
Package
ME = VDFPN8 8x6mm (MLP8)
MP = VDFPN8 (MLP8)
MF = SO16 (300 mil width)
MN = SO8 (150 mil width)
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Device tested with High Reliability Certified Flow1.
Automotive temperature range (–40 to 125 °C)
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
blank = Standard SnPb plating
P = Lead-Free and RoHS compliant
G = Lead-Free, RoHS compliant, Sb2O3-free and TBBA-free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com