Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P20VMP6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M25P20VMP6
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P20VMP6 Datasheet(HTML) 3 Page - STMicroelectronics

  M25P20VMP6 Datasheet HTML 1Page - STMicroelectronics M25P20VMP6 Datasheet HTML 2Page - STMicroelectronics M25P20VMP6 Datasheet HTML 3Page - STMicroelectronics M25P20VMP6 Datasheet HTML 4Page - STMicroelectronics M25P20VMP6 Datasheet HTML 5Page - STMicroelectronics M25P20VMP6 Datasheet HTML 6Page - STMicroelectronics M25P20VMP6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
M25PXX
Figure 5. Block Diagram
AI10261
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
Size of the
read-only
memory area
C
D
Q
Status
Register
00000h
Top of Address Space
000FFh



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com