Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LX331M350J042 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 380LX331M350J042
Description  2, 4 and 5 pin styles available
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX331M350J042 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  380LX331M350J042 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX331M350J042 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Temperature Range
–40 °C to +85 °C ≤ 250 Vdc
–25 °C to +85 °C ≥ 315 Vdc
Rated Voltage Range
16 Vdc to 500 Vdc
Capacitance Range
33 µF to 270,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3√CV µA at 5 min
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–500 Vdc)
Endurance Life Test
3,000 h @ full load at +85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1,000 h @ 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h in each plane
RoHS Compliant
The excellent value of Type 380L/LX capacitors finds application in
switching power supply input and output circuits and even motor
drives where the high surface area of multiple units in parallel
approaches the ripple capability of our Type 520C computer-grade
capacitor. Type 380LX delivers more capacitance per can size while
Type 380L available in the largest case sizes gives lower ESR for the
same capacitance. Types 382L and 382LX give the choice of 4 or 5
leads for stable, reverse proof mounting.
Highlights
- Latest available ratings, worldwide
- Top performance in power supplies and motor drives
- Big selection of 49 case sizes
- 2, 4 and 5 leads available
Specifications
Frequency
45 ºC
60 ºC
70 ºC
85 ºC
1.5
1.4
1.3
1.0
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz
10
kHz &
Up
16 - 100 WV 0.93
0.95
1.00
1.05
1.08
1.15
160 - 450 WV 0.75
0.80
1.00
1.20
1.25
1.40
Ambient Temperature
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 380LX331M350J042

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX331M160H012 CDE-380LX331M160H012 Datasheet
575Kb / 12P
Latest available ratings, worldwide
380LX331M180H012 CDE-380LX331M180H012 Datasheet
575Kb / 12P
Latest available ratings, worldwide
380LX331M200H022 CDE-380LX331M200H022 Datasheet
575Kb / 12P
Latest available ratings, worldwide
380LX331M200J012 CDE-380LX331M200J012 Datasheet
575Kb / 12P
Latest available ratings, worldwide
380LX331M450A032 CDE-380LX331M450A032 Datasheet
575Kb / 12P
Latest available ratings, worldwide
More results

Similar Description - 380LX331M350J042

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-3306 ALCOA-99-3306 Datasheet
133Kb / 2P
Blind Rivet W/2 Head Styles
99-3305 ALCOA-99-3305 Datasheet
133Kb / 2P
Blind Rivet W/2 Head Styles
99-3303 ALCOA-99-3303 Datasheet
132Kb / 2P
Blind Rivet W/2 Head Styles
logo
Bourns Electronic Solut...
3296W-1-103LF BOURNS-3296W-1-103LF Datasheet
188Kb / 2P
Multiturn / Cermet / Industrial / Sealed 5 terminal styles
logo
Grayhill, Inc
76RSB04T GRAYHILL-76RSB04T Datasheet
133Kb / 2P
Raised and Recessed, Rocker and PIANO-DIP짰 Styles
logo
Amphenol Corporation
RJCSE-5381-01 AMPHENOL-RJCSE-5381-01 Datasheet
3Mb / 5P
Modular jacks available in RJ45 & RJ11 styles
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
Choose from Several Pin Styles
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
2, 4 and 5 pin styles available
381LX221M200H012 CDE-381LX221M200H012 Datasheet
979Kb / 11P
High Ripple, Long Life, 2, 4 and 5 pin styles available
381LX CDE-381LX_17 Datasheet
1Mb / 11P
High Ripple, Long Life, 2, 4 and 5 pin styles available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com