Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500R103M350DN2DP Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 500R103M350DN2DP
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R103M350DN2DP Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  500R103M350DN2DP Datasheet HTML 1Page - Cornell Dubilier Electronics 500R103M350DN2DP Datasheet HTML 2Page - Cornell Dubilier Electronics 500R103M350DN2DP Datasheet HTML 3Page - Cornell Dubilier Electronics 500R103M350DN2DP Datasheet HTML 4Page - Cornell Dubilier Electronics 500R103M350DN2DP Datasheet HTML 5Page - Cornell Dubilier Electronics 500R103M350DN2DP Datasheet HTML 6Page - Cornell Dubilier Electronics 500R103M350DN2DP Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
Cap
(µF)
ESR Max.
Ripple Amps.
25 ºC
85 ºC
120 Hz 10kHz 120 Hz >3 kHz
Catalog Part
Number
(mΩ) (mΩ) (A)
(A)
Nominal Size
D x L
(in)
450 Vdc (500 Vdc Surge)
1400
1600
1900
500R142M450BC2B
104
83.2
6.0
8.4
500R162M450BD2B
89
71.2
7.0
9.8
500R192M450BE2B
73
58.4
8.1
11.4
2 X 4 1/8
2 X 4 5/8
2 X 5 1/8
2000
2000
2500
500R202M450BF2B
71
56.8
8.4
11.8
500R202M450CJ2E
72
57.6
7.9
11.0
500R252M450CC2E
55
44.0
9.6
13.5
2 X 5 5/8
2 1/2 X 3 5/8
2 1/2 X 4 1/8
2700
2900
3100
500R272M450CD2E
51
40.8
10.2
14.3
500R292M450DJ2E
50
40.0
10.5
14.8
500R312M450CE2E
45
36.0
11.1
15.5
2 1/2 X 4 5/8
3 X 3 5/8
2 1/2 X 5 1/8
3500
3600
3700
500R352M450CF2E
40
32.0
12.0
16.8
500R362M450DC2E
41
32.8
12.1
16.9
500R372M450CP2E
38
30.4
13.4
18.7
2 1/2 X 5 5/8
3 X 4 1/8
2 1/2 X 5 7/8
4200
4700
5200
500R422M450DD2E
35
28.0
13.4
18.7
500R472M450DE2E
30
24.0
14.9
20.9
500R522M450CN2E
27
21.6
17.0
23.8
3 X 4 5/8
3 X 5 1/8
2 1/2 X 7 5/8
5200
5500
5600
500R522M450DF2E
26
20.8
17.0
23.8
500R552M450FC2E
29
23.2
15.0
21.0
500R562M450DP2E
26
20.8
18.0
25.2
3 X 5 5/8
3 1/2 X 4 1/8
3 X 5 7/8
5900
6200
6900
500R592M450FD2E
25
20.0
17.1
24.0
500R622M450CG2E
23
18.4
19.3
27.0
500R692M450DN2E
21
16.8
21.0
29.4
3 1/2 X 4 5/8
2 1/2 X 8 5/8
3 X 7 5/8
6900
7800
500R692M450FE2E
22
17.6
19.9
27.9
500R782M450FF2E
21
16.8
21.3
29.8
3 1/2 X 5 1/8
3 1/2 X 5 5/8
8200
9400
11000
500R822M450DG2E
17
13.6
23.0
32.2
500R942M450FN2E
17
13.6
26.1
36.6
500R113M450FG2E
13
10.4
32.4
45.3
3 X 8 5/8
3 1/2 X 7 5/8
3 1/2 X 8 5/8
Cap
(µF)
Ripple Amps.
ESR Max.
85 ºC
25 ºC
120 Hz 10kHz 120 Hz >3 kHz
Catalog Part
Number
(mΩ) (mΩ)
(A)
(A)
Nominal Size
D x L
(in)
500 Vdc (550 Vdc Surge)
1100
1300
1500
500R112M500BC2B 136
108.8
5.3
7.4
500R132M500BD2B 115
92.0
6.0
8.3
500R152M500BE2B
98
78.4
6.7
9.4
2 X 4 1/8
2 X 4 5/8
2 X 5 1/8
1600
1800
2000
500R162M500CJ2E
93
74.4
6.8
9.5
500R182M500BF2B
79
63.2
7.7
10.8
500R202M500CC2E
76
60.8
8.1
11.4
2 1/2 X 3 5/8
2 X 5 5/8
2 1/2 X 4 1/8
2200
2300
2400
500R222M500CD2E
70
56.0
8.5
11.9
500R232M500DJ2E
68
54.4
9.0
12.6
500R242M500CE2E
62
49.6
9.3
13.0
2 1/2 X 4 5/8
3 X 3 5/8
2 1/2 X 5 1/8
2800
2800
2900
500R282M500CF2E
55
44.0
10.5
14.7
500R282M500DC2E
54
43.2
10.5
14.7
500R292M500CP2E
52
41.6
10.9
15.3
2 1/2 X 5 5/8
3 X 4 1/8
2 1/2 X 5 7/8
3300
3700
3700
500R332M500DD2E
48
38.4
11.2
15.7
500R372M500DE2E
41
32.8
12.6
17.6
500R372M500FC2E
42
33.6
13.0
18.1
3 X 4 5/8
3 X 5 1/8
3 1/2 X 4 1/8
4100
4100
4200
500R412M500CN2E
38
30.4
14.3
20.1
500R412M500DF2E
37
29.6
13.9
19.4
500R422M500FD2E
37
29.6
14.5
20.3
2 1/2 X 7 5/8
3 X 5 5/8
3 1/2 X 4 5/8
4400
4900
5400
500R442M500DP2E
35
28.0
14.3
20.0
500R492M500CG2E
32
25.6
16.4
22.9
500R542M500FE2E
29
23.2
17.2
24.0
3 X 5 7/8
2 1/2 X 8 5/8
3 1/2 X 5 1/8
5600
5700
500R562M500FF2E
26
20.8
19.1
26.7
500R572M500DN2E 25.971 20.8
19.2
26.9
3 1/2 X 5 5/8
3 X 7 5/8
6800
8200
8800
500R682M500DG2E
23
18.4
23.0
32.2
500R822M500FN2E
18
14.4
25.7
35.9
500R882M500FG2E
17
13.6
26.8
37.6
3 X 8 5/8
3 1/2 X 7 5/8
3 1/2 X 8 5/8
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com