Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D06 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DR10D06
Description  DIN Rail Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D06 Datasheet(HTML) 2 Page - Crydom Inc.,

  DR10D06 Datasheet HTML 1Page - Crydom Inc., DR10D06 Datasheet HTML 2Page - Crydom Inc., DR10D06 Datasheet HTML 3Page - Crydom Inc., DR10D06 Datasheet HTML 4Page - Crydom Inc., DR10D06 Datasheet HTML 5Page - Crydom Inc., DR10D06 Datasheet HTML 6Page - Crydom Inc., DR10D06 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
INPUT SPECIFICATIONS (2)
DRxxExx
DRxxBxx
DRxxDxx
Description
Control Voltage Range (5)
4-32 VDC
200-265 Vrms
18-36 Vrms (1)
Minimum Turn-On Voltage
4.0 VDC
200 Vrms
18 Vrms
Must Turn-Off Voltage
1.0 VDC
40 Vrms
4 Vrms
Minimum Input Current for [mA] (6)
9
2.5
3.5
Maximum Input Current for [mA] (6)
11
3.3
8
1/2 Cycle
20 msec
20 msec
Maximum Turn-on Time [msec] (7) (8)
1/2 Cycle
30 msec
30 msec
Maximum Turn-off Time [msec] (9)
22/16 AWG
22/16 AWG
22/16 AWG
GENERAL SPECIFICATIONS(2)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms (10)
Minimum Insulation Resistance (@ 500 VDC)
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-30 to 100 °C
Recommended Terminal Screw Torque Range
109 Ohm
OUTPUT SPECIFICATIONS DC Output (2)
Description
DR06D06
DR10D06
DR06D12
DR10D12
Operating Voltage [VDC]
1-60
1-100
1-60
1-100
Maximum Load Current [Adc] (3)
6
6
12
12
Minimum Load Current [mAdc]
2.5
2.5
2.5
2.5
0.1
0.1
0.1
0.1
0.6
0.6
0.6
0.6
Maximum Off-State Leakage Current @ Rated Voltage [mA]
Maximum On-State Voltage Drop @ Rated Current [Vpk]
60
60
On-State resistance at rated current [Ohms]
0.1
0.1
Min/Max stranded wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
1.94 oz. (55g)
1.76 oz. (50g)
Min/Max solid wire
Weight (typical)
Maximum Surge Current (10ms) [Apk]
100
100
0.45
22/14 AWG
22/14 AWG
3.17 oz (90g)
0.45
22/14 AWG
3.17 oz.(90g)
22/14 AWG
Min/Max stranded/solid wire
DRxxAxx
90-140 Vrms
90 Vrms
10 Vrms
3
5
20 msec
30 msec
22/16 AWG
GENERAL NOTES
(2) All parameters at 25°C unless otherwise specified.
(1) E option is UL certified for AC control voltage, but it works also with 18-36 VDC input range.
(3) See Derating curves
(4) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
(5) DC control includes reverse polarity protection.
(6) Input circuitry incorporates active current limiter.
(7) Turn-on time for DC control random turn-on versions is 0.1 msec.
(8) Turn-on time for DC output 600µsec.
(9) Turn-off time for DC output 300
µsec.
(10) 2500Vrms for DC output.
LC A, Resistive or Slightly Inductive Load Ratings: 12 A @40°C ambient for DR24x12, 12 A @ 40°C ambient for DR48x12
LC A, Resistive or Slightly Inductive Load Ratings: 6 A @ 40°C ambient for DR24x06, 6 A @ 40°C ambient for DR48x06
LC B, Motor Loads Ratings: 0.75KW @ 240 VAC for DR24x06 and 2.2KW @ 480 VAC DR48x12
LC B, Motor Loads Ratings: 0.375KW @ 240 VAC for DR24x06 and 1.5KW @ 480 VAC DR48x12
Standards of Compliance
IEC 62314
Shock and Vibration (Applies to all part numbers)
Vibration Resistence according to IEC 60068-2-6: 0.35mm and 0.75mm Amplitude over 10-55 Hz
Shock Resistance according to IEC 60068-2-27: 15g/11ms
EMC (Applies to all part numbers)
IEC 61000-4-2: Electrostatic Discharge- Level 3
IEC 61000-4-4: Electrically Fast Transients- Level 3
IEC 61000-4-5: Electrical Surges- Level 3
ANSI / ISA 12.12.01-2013
Nonincendive Electrical Equipment for Use in Class I and II, Division 2 and Class III, Division 1 and 2 Hazadous (classified) locations
This equipment is open-type device and is meant to be installed in an enclosure suitable for the enviroment such that the equipment is only accesible with the use of a tool
suitable for use in Class 1, Division 2, Group A,B,C and Hazardous locations, or Nonhazardous locations only
WARNING-Explosion Hazard- Do not disconnect equipment while the circuit is live or unless the area is known to be free of ignitable concentrations
WARNING-Explosion Hazard- Substitution of any component may impair suitability for Class I, Division 2
4.4-7.0 in-lb (0.5-0.8Nm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com