Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D06XR Datasheet(PDF) 4 Page - Crydom Inc.,

Part # DR10D06XR
Description  DIN Rail Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D06XR Datasheet(HTML) 4 Page - Crydom Inc.,

  DR10D06XR Datasheet HTML 1Page - Crydom Inc., DR10D06XR Datasheet HTML 2Page - Crydom Inc., DR10D06XR Datasheet HTML 3Page - Crydom Inc., DR10D06XR Datasheet HTML 4Page - Crydom Inc., DR10D06XR Datasheet HTML 5Page - Crydom Inc., DR10D06XR Datasheet HTML 6Page - Crydom Inc., DR10D06XR Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Rev 052516
6
5
4
3
2
1
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
DRxxx06
12
10
8
6
4
2
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
DRxxx12
Installed single unit, distance to adjacent components ≥ 11 mm for DRxxx06 & ≥ 18mm for DRxxx12
Multiple units, no minimum spacing between components
AGENCY APPROVALS
THERMAL DERATE INFORMATION
E116949
IND. CONT. EQ.
4WB8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com