Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP11047 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP11047
Description  ~19째 spot beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP11047 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP11047 Datasheet HTML 1Page - Ledil, Inc. FP11047 Datasheet HTML 2Page - Ledil, Inc. FP11047 Datasheet HTML 3Page - Ledil, Inc. FP11047 Datasheet HTML 4Page - Ledil, Inc. FP11047 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FP11047_LISA2-RS-PIN
LISA2-RS-PIN
~19° spot beam optimized for Osram Oslon SSL
80. 6.6 mm high variant with location pin
installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
6.6 mm
Fastening
glue, pin
Colour
black
Box size
Box weight
0 kg
Quantity in Box
pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LISA2-RS
Lens
PMMA
clear
LISA2-HLD-PIN-OSL
Holder
PC
black
Last update: 17/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FP11047

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP11001 LEDIL-FP11001 Datasheet
3Mb / 5P
~20째 medium beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11002 LEDIL-FP11002 Datasheet
4Mb / 5P
~35째 wide beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11003 LEDIL-FP11003 Datasheet
3Mb / 5P
~45째 wide beam optimized for Osram Oslon SSL 80. 7.0 mm high variant with location pin installation.
logo
List of Unclassifed Man...
FP1100A ETC1-FP1100A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
logo
ML Accessories Limited....
FP1100BB KNIGHTSBRIDGE-FP1100BB Datasheet
319Kb / 1P
10AX Fan Isolator Switch - Brushed Brass
15/04/2024
More results

Similar Description - FP11047

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP11001 LEDIL-FP11001 Datasheet
3Mb / 5P
~20째 medium beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11002 LEDIL-FP11002 Datasheet
4Mb / 5P
~35째 wide beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11003 LEDIL-FP11003 Datasheet
3Mb / 5P
~45째 wide beam optimized for Osram Oslon SSL 80. 7.0 mm high variant with location pin installation.
FP11056 LEDIL-FP11056 Datasheet
4Mb / 5P
~19째 spot beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP11081 LEDIL-FP11081 Datasheet
3Mb / 5P
~20째 medium beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP11084 LEDIL-FP11084 Datasheet
3Mb / 5P
~19째 spot beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP11124 LEDIL-FP11124 Datasheet
3Mb / 5P
~45째 x 20째 oval beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11957 LEDIL-FP11957 Datasheet
4Mb / 5P
~80째 wide beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11958 LEDIL-FP11958 Datasheet
3Mb / 5P
~80째 wide beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP14766 LEDIL-FP14766 Datasheet
2Mb / 4P
~60째 wide beam optimized for Osram Oslon SSL 80. 7.0 mm high variant with location pin installation.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com