Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP11072 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP11072
Description  ~20째 medium beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP11072 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP11072 Datasheet HTML 1Page - Ledil, Inc. FP11072 Datasheet HTML 2Page - Ledil, Inc. FP11072 Datasheet HTML 3Page - Ledil, Inc. FP11072 Datasheet HTML 4Page - Ledil, Inc. FP11072 Datasheet HTML 5Page - Ledil, Inc. FP11072 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FP11072_LISA2-M-CLIP
LISA2-M-CLIP
~20° medium beam optimized for LUXEON
Rebel. 6.6 mm high variant with clip installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
6.6 mm
Fastening
glue, clips
Colour
black
Box size
Box weight
1.4 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LISA2-M
Lens
PMMA
clear
LISA2-HLD-CLIP16-RE
Holder
PC
black
Last update: 17/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FP11072

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
logo
NEC
FP1107-I-22 NEC-FP1107-I-22 Datasheet
6Mb / 71P
Ferrite Cores
logo
Ledil, Inc.
FP11073 LEDIL-FP11073 Datasheet
4Mb / 5P
~35째 wide beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
logo
Cree, Inc
FP11075 CREE-FP11075 Datasheet
273Kb / 6P
Lisa series
logo
Ledil, Inc.
FP11075 LEDIL-FP11075 Datasheet
1Mb / 6P
~20째 medium beam optimized for CREE XP-E.
More results

Similar Description - FP11072

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP10992 LEDIL-FP10992 Datasheet
6Mb / 5P
~20째 medium beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP10993 LEDIL-FP10993 Datasheet
3Mb / 4P
~35째 wide beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP11056 LEDIL-FP11056 Datasheet
4Mb / 5P
~19째 spot beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP11073 LEDIL-FP11073 Datasheet
4Mb / 5P
~35째 wide beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
FP11086 LEDIL-FP11086 Datasheet
5Mb / 6P
~19째 spot beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
FP11122 LEDIL-FP11122 Datasheet
4Mb / 6P
~45째 x 20째 oval beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
FP11126 LEDIL-FP11126 Datasheet
4Mb / 5P
~45째 x 20째 oval beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP11858 LEDIL-FP11858 Datasheet
3Mb / 5P
~20째 x 50째 oval beam optimized for LUXEON Rebel. Variant with beam direction rotated 90째. 6.6 mm high variant with clip installation.
FP11951 LEDIL-FP11951 Datasheet
3Mb / 5P
~80째 wide beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
FP11952 LEDIL-FP11952 Datasheet
2Mb / 4P
~80째 wide beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com