Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3374 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3374
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3374 Datasheet(HTML) 7 Page - RF Micro Devices

  RF3374 Datasheet HTML 1Page - RF Micro Devices RF3374 Datasheet HTML 2Page - RF Micro Devices RF3374 Datasheet HTML 3Page - RF Micro Devices RF3374 Datasheet HTML 4Page - RF Micro Devices RF3374 Datasheet HTML 5Page - RF Micro Devices RF3374 Datasheet HTML 6Page - RF Micro Devices RF3374 Datasheet HTML 7Page - RF Micro Devices RF3374 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-589
RF3374
Rev A7 050310
Power Dissipation versus Device Voltage Across
Temperature (TAMBIENT = +85°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
4.10
4.15
4.20
4.25
4.30
4.35
4.40
VPIN (V)
Bias Current versus Supply Voltage Across Temperature
(At evaluation board connector, RBIAS = 22Ω)
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VCC (V)
-40°C
+25°C
+85°C
Bias Current versus Devices Voltage Across
Temperature (At pin 3)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
VPIN (V)
-40°C
+25°C
+85°C
Reverse Isolation versus Frequency Across
Temperature (ICC = 65 mA)
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
7000.0
Frequency (MHz)
-40°C
+25°C
+85°C
Junction Temperature versus Power Dissipated
(TAMBIENT = +85°C)
100.000
110.000
120.000
130.000
140.000
150.000
160.000
0.225
0.250
0.275
0.300
0.325
0.350
Power Dissipated (W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com