Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4020IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP4020IBZ
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4020IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP4020IBZ Datasheet HTML 2Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 3Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 4Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 5Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 6Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 7Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 8Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 9Page - Renesas Technology Corp HIP4020IBZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HIP4020
FN3976 Rev 4.00
Page 10 of 10
September 17, 2015
HIP4020
Package Outline Drawing
M20.3
20 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE (SOIC)
Rev 3, 2/11
7. The lead width as measured 0.36mm (0.14 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
13.00
0.75
0.25
x 45°
0.32
0.23
MAX
8°
1.27
0.40
10.65
10.00
7.60
7.40
20
12
3
INDEX
AREA
2.65
2.35
0.30
MAX
BSC
1.27
0.35
0.49
0.25 (0.10) MC
S
B
M
A
0.10 (0.004)
0.25 (0.10) MB M
1
2
1.27 BSC
(9.40mm)
SEATING PLANE
(0.60)
(2.00)
2
20
3
3
5
7
NOTES:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimension does not include mold flash, protrusions or gate
3. Dimension does not include interlead lash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
4. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
5. Dimension is the length of terminal for soldering to a substrate.
6. Terminal numbers are shown for reference only.
8. Controlling dimension: MILLIMETER.
9. Dimensions in ( ) for reference only.
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
(0.024 inch)
10. JEDEC reference drawing number: MS-013-AC.
12.60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com