Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6004BCR Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6004BCR
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004BCR Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6004BCR Datasheet HTML 6Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 7Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 8Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 9Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 10Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 11Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 12Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 13Page - Renesas Technology Corp HIP6004BCR Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HIP6004B
FN4567 Rev 3.00
Page 10 of 15
November 9, 2004
Modern microprocessors produce transient load rates above
1A/ns. High frequency capacitors initially supply the transient
and slow the current load rate seen by the bulk capacitors. The
bulk filter capacitor values are generally determined by the ESR
(Effective Series Resistance) and voltage rating requirements
rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements. For example, Intel
recommends that the high frequency decoupling for the
Pentium Pro be composed of at least forty (40) 1µF ceramic
capacitors in the 1206 surface-mount package.
Use only specialized low-ESR capacitors intended for switching-
regulator applications for the bulk capacitors. The bulk
capacitor’s ESR will determine the output ripple voltage and the
initial voltage drop after a high slew-rate transient. An aluminum
electrolytic capacitor’s ESR value is related to the case size with
lower ESR available in larger case sizes. However, the
Equivalent Series Inductance (ESL) of these capacitors
increases with case size and can reduce the usefulness of the
capacitor to high slew-rate transient loading. Unfortunately, ESL
is not a specified parameter. Work with your capacitor supplier
and measure the capacitor’s impedance with frequency to select
a suitable component. In most cases, multiple electrolytic
capacitors of small case size perform better than a single large
case capacitor.
Output Inductor Selection
The output inductor is selected to meet the output voltage
ripple requirements and minimize the converter’s response
time to the load transient. The inductor value determines the
converter’s ripple current and the ripple voltage is a function of
the ripple current. The ripple voltage and current are
approximated by the following equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values reduce the
converter’s response time to a load transient.
One of the parameters limiting the converter’s response to a
load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
HIP6004B will provide either 0% or 100% duty cycle in
response to a load transient. The response time is the time
required to slew the inductor current from an initial current
value to the transient current level. During this interval the
difference between the inductor current and the transient
current level must be supplied by the output capacitor.
Minimizing the response time can minimize the output
capacitance required.
The response time to a transient is different for the application
of load and the removal of load. The following equations give
the approximate response time interval for application and
removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. With a +5V input source,
the worst case response time can be either at the application
or removal of load and dependent upon the DACOUT setting.
Be sure to check both of these equations at the minimum and
maximum output levels for the worst case response time. With
a +12V input, and output voltage level equal to DACOUT,
tFALL is the longest response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic capacitors
for high frequency decoupling and bulk capacitors to supply the
current needed each time Q1 turns on. Place the small ceramic
capacitors physically close to the MOSFETs and between the
drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum input
voltage and a voltage rating of 1.5 times is a conservative
guideline. The RMS current rating requirement for the input
capacitor of a buck regulator is approximately 1/2 the DC load
current.
For a through hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX or
equivalent) may be needed. For surface mount designs, solid
tantalum capacitors can be used, but caution must be exercised
with regard to the capacitor surge current rating. These capacitors
must be capable of handling the surge-current at power-up. The
TPS series available from AVX, and the 593D series from
Sprague are both surge current tested.
MOSFET Selection/Considerations
The HIP6004B requires 2 N-Channel power MOSFETs. These
should be selected based upon rDS(ON), gate supply
requirements, and thermal management requirements.
In high-current applications, the MOSFET power dissipation,
package selection and heatsink are the dominant design factors.
The power dissipation includes two loss components; conduction
loss and switching loss. The conduction losses are the largest
component of power dissipation for both the upper and the lower
MOSFETs. These losses are distributed between the two
MOSFETs according to duty factor (see the equations below).
DI =
VIN - VOUT
Fs x L
VOUT
VIN
DVOUT = DI x ESR
x
tRISE =
L x ITRAN
VIN - VOUT
tFALL =
L x ITRAN
VOUT
HIP6004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com