Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6007CB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP6007CB
Description  Buck Pulse-Width Modulator (PWM) Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6007CB Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP6007CB Datasheet HTML 1Page - Renesas Technology Corp HIP6007CB Datasheet HTML 2Page - Renesas Technology Corp HIP6007CB Datasheet HTML 3Page - Renesas Technology Corp HIP6007CB Datasheet HTML 4Page - Renesas Technology Corp HIP6007CB Datasheet HTML 5Page - Renesas Technology Corp HIP6007CB Datasheet HTML 6Page - Renesas Technology Corp HIP6007CB Datasheet HTML 7Page - Renesas Technology Corp HIP6007CB Datasheet HTML 8Page - Renesas Technology Corp HIP6007CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HIP6007
FN4307 Rev.1.00
Page 5 of 10
September 1997
Functional Description
Initialization
The HIP6007 automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary. The
Power-On Reset (POR) function continually monitors the input
supply voltages and the enable (EN) pin. The POR monitors
the bias voltage at the VCC pin and the input voltage (VIN) on
the OCSET pin. The level on OCSET is equal to VIN less a
fixed voltage drop (see over-current protection). With the EN
pin held to VCC, the POR function initiates soft start operation
after both input supply voltages exceed their POR thresholds.
For operation with a single +12V power source, VIN and VCC
are equivalent and the +12V power source must exceed the
rising VCC threshold before POR initiates operation.
The Power-On Reset (POR) function inhibits operation with the
chip disabled (EN pin low). With both input supplies above their
POR thresholds, transitioning the EN pin high initiates a soft
start interval.
Soft Start
The POR function initiates the soft start sequence. An internal
10
A current source charges an external capacitor (CSS) on the
SS pin to 4V. Soft start clamps the error amplifier output (COMP
pin) and reference input (+ terminal of error amp) to the SS pin
voltage. Figure 3 shows the soft start interval with CSS = 0.1F.
Initially the clamp on the error amplifier (COMP pin) controls the
converter’s output voltage. At t1 in Figure 3, the SS voltage
reaches the valley of the oscillator’s triangle wave. The
oscillator’s triangular waveform is compared to the ramping error
amplifier voltage. This generates PHASE pulses of increasing
width that charge the output capacitor(s). This interval of
increasing pulse width continues to t2. With sufficient output
voltage, the clamp on the reference input controls the output
voltage. This is the interval between t2 and t3 in Figure 3. At t3
the SS voltage exceeds the reference voltage and the output
voltage is in regulation. This method provides a rapid and
controlled output voltage rise.
Over-Current Protection
The over-current function protects the converter from a shorted
output by using the upper MOSFET’s on-resistance, rDS(ON) to
monitor the current. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sensing
resistor.
The over-current function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the over-current trip level. An internal 200
A (typical)
current sink develops a voltage across ROCSET that is
reference to VIN. When the voltage across the upper MOSFET
(also referenced to VIN) exceeds the voltage across ROCSET,
the over-current function initiates a soft-start sequence. The
soft-start function discharges CSS with a 10A current sink and
inhibits PWM operation. The soft-start function recharges CSS,
and PWM operation resumes with the error amplifier clamped
to the SS voltage. Should an overload occur while recharging
CSS, the soft start function inhibits PWM operation while fully
charging CSS to 4V to complete its cycle. Figure 4 shows this
operation with an overload condition. Note that the inductor
current increases to over 15A during the CSS charging interval
and causes an over-current trip. The converter dissipates very
little power with this method. The measured input power for the
conditions of Figure 4 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200A -
typical). The OC trip point varies mainly due to the MOSFET’s
rDS(ON) variations. To avoid over-current tripping in the normal
operating load range, find the ROCSET resistor from the
equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
FIGURE 3. SOFT-START INTERVAL
TIME (5ms/DIV)
SOFT-START
(1V/DIV)
0V
0V
t1
t2
t3
OUTPUT
(1V/DIV)
VOLTAGE
FIGURE 4. OVER-CURRENT OPERATION
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
IPEAK
IOCSET ROCSET
rDS ON

---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com