Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6501ACBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6501ACBZ
Description  Triple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6501ACBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6501ACBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 10Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 11Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 12Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 13Page - Renesas Technology Corp HIP6501ACBZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HIP6501A
FN4749 Rev 6.00
Page 10 of 14
December 30, 2004
Application Guidelines
Soft-Start Interval
The 5VSB output of a typical ATX supply is capable of
725mA. During power-up in a sleep state, it needs to provide
sufficient current to charge up all the output capacitors and
simultaneously provide some amount of current to the output
loads. Drawing excessive amounts of current from the 5VSB
output of the ATX can lead to voltage collapse and induce a
pattern of consecutive restarts with unknown effects on the
system’s behavior or health.
The built-in soft-start circuitry allows tight control of the slew-
up speed of the output voltages controlled by the HIP6501A,
thus enabling power-ups free of supply drop-off events.
Since the outputs are ramped up in a linear fashion, the
current dedicated to charging the output capacitors can be
calculated with the following formula:
, where
ISS - soft-start current (typically 10A)
CSS - soft-start capacitor
VBG - bandgap voltage (typically 1.26V)
COUTxVOUT) - sum of the products between the
capacitance and the voltage of an output.
Due to the various system timing events, it is recommended
that the soft-start interval not be set to exceed 30ms.
Additionally, the recommended soft-start capacitor range
spans from 5nF up to 0.22
F (0.1F recommended).
Shutdown
In case of a FAULT condition that might endanger the
computer system, or at any other time, the HIP6501A can be
shut down by pulling the SS pin below the specified
shutdown level (typically 0.8V) with an open drain or open
collector device capable of sinking a minimum of 2mA.
Pulling the SS pin low effectively shuts down all the pass
elements. Upon release of the SS pin, the HIP6501A
undergoes a new soft-start cycle and resumes normal
operation in accordance to the ATX supply and control pins
status.
Layout Considerations
The typical application employing a HIP6501A is a fairly
straight-forward implementation. Similar to any other linear
regulators, attention has to be paid to a few potentially
sensitive small signal components, such as those connected
to high-impedance nodes or those supplying critical by-pass
currents.
The power components (pass transistors) and the controller
IC should be placed first. The controller should be placed in
a central position on the motherboard, closer to the memory
load if possible. Ensure the VSEN2 connection is properly
sized to carry 200mA without significant resistive losses. The
pass transistors should be placed on pads capable of
heatsinking, matching the device’s power dissipation. Where
applicable, multiple via connections to a large internal plane
can significantly lower localized device temperature rise.
Placement of the decoupling and bulk capacitors should
follow a placement reflecting their purpose. As such, the
high-frequency decoupling capacitors (CHF) should be
placed as close as possible to the load they are decoupling;
the ones decoupling the controller (C12V, C5VSB) close to
the controller pins, the ones decoupling the load close to the
load connector or the load itself (if embedded). The bulk
-
+
FIGURE 11. 2.5/3.3VMEM OUTPUT VOLTAGE SELECTION
CIRCUITRY DETAILS
FAULT/MSEL
40
A
MEM VOLTAGE
SELECT COMP
RSEL
RSEL
VMEM
1k
10k
2.5V
3.3V
+
-
0.2V
ICOUT
ISS
CSS VBG
--------------------------------
C
OUT VOUT

=
FIGURE 12. PRINTED CIRCUIT BOARD ISLANDS
VOUT1
Q1
Q2
Q3
Q4
CSS
+12VIN
CIN
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT/POWER PLANE LAYER
CBULK2
HIP6501A
C12V
VOUT2
VOUT3
SS
GND
VSEN2
5VDLSB
DRV2
3V3DLSB
KEY
12V
5VSB
+5VSB
DLA
Q5
CBULK1
CBULK3
C5VSB
CHF1
CHF3
5VDL
+5VIN
CHF2
+3.3VIN
3V3DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com