Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2P2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS2P2
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P2 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS2P2 Datasheet HTML 1Page - Vishay Siliconix SS2P2 Datasheet HTML 2Page - Vishay Siliconix SS2P2 Datasheet HTML 3Page - Vishay Siliconix SS2P2 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
SS2P2, SS2P3 & SS2P4
Document Number 88910
02-Nov-04
Vishay Semiconductors
www.vishay.com
1
DO-220AA (SMP)
High Current Density Surface Mount
Schottky Barrier Rectifiers
Major Ratings and Characteristics
Features
• Very low profile - typical height of 1.0mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1 per J-STD-020C
• AEC-Q101 qualified
IF(AV)
2 A
VRRM
20 V, 30 V, 40 V
IFSM
50 A
EAS
11.25 mJ
VF
0.50 V
Tj max.
150 °C
Typical Applications
For use in low voltage high frequency inverters, free-
wheelling, dc-to-dc converters, and polarity protection
applications
Mechanical Data
Case: DO-220AA (SMP)
Epoxy meets UL-94V-0 Flammability rating
Terminals: Matte Tin plated (E3 Suffix) leads, solder-
able per J-STD-002B and MIL-STD-750, Method
2026
Polarity: Color band denotes the cathode end
Maximum Ratings
TA = 25 °C, unless otherwise specified
Parameter
Symbol
SS2P2
SS2P3
SS2P4
Unit
Device marking code
22
23
24
Maximum repetive peak reverse voltage
VRRM
20
30
40
V
RMS reverse voltage
VRWM
14
21
28
V
DC blocking voltage
VR
20
30
40
V
Maximum average forward rectified current see Fig. 1
IF(AV)
2.0
A
Peak forward surge current 10 ms single half sine-
wave superimposed on rated load
IFSM
50
A
Non-repetitive avalanche energy
at IAS = 1.5 A, L = 10 mH, TJ = 25 °C
EAS
11.25
mJ
Voltage rate of change (rated VR)
dv/dt
10000
V/us
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - SS2P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2P2 VISHAY-SS2P2 Datasheet
86Kb / 4P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS2P2 VISHAY-SS2P2 Datasheet
104Kb / 4P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-May-08
SS2P2 VISHAY-SS2P2 Datasheet
87Kb / 4P
High Current Density Surface Mount High Current Density Surface Mount
02-Aug-13
SS2P2 VISHAY-SS2P2 Datasheet
102Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
SS2P2L VISHAY-SS2P2L Datasheet
91Kb / 4P
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
16-May-07
More results

Similar Description - SS2P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-May-08
SS5P9 VISHAY-SS5P9 Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jul-08
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifiers
08-Mar-2022
SS3P3L VISHAY-SS3P3L_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com