Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5761/2IAZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL5761/2IAZ
Description  10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5761/2IAZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL5761/2IAZ Datasheet HTML 1Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 2Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 3Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 4Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 5Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 6Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 7Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 8Page - Renesas Technology Corp ISL5761/2IAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISL5761
FN6009 Rev 4.00
Page 4 of 14
Sep 15, 2015
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DCOM . . . . . . . . . . . . . . . . . +3.6V
Analog Supply Voltage AVDD to ACOM. . . . . . . . . . . . . . . . . . +3.6V
Grounds, ACOM TO DCOM . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Digital Input Voltages (D9-D0, CLK, SLEEP). . . . . . . . DVDD + 0.3V
Reference Input Voltage Range. . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
JA(oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25oC for All Typical Values
PARAMETER
TEST CONDITIONS
TA = -40oC TO 85oC
UNITS
MIN
TYP
MAX
SYSTEM PERFORMANCE
Resolution
10
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 7)
-0.5
0.1
+0.5
LSB
Differential Linearity Error, DNL
(Note 7)
-0.5
0.1
+0.5
LSB
Offset Error, IOS
IOUTA (Note 7)
-0.006
+0.006
% FSR
Offset Drift Coefficient
(Note 7)
-
0.1
-
ppm
FSR/oC
Full Scale Gain Error, FSE
With External Reference (Notes 2, 7)
-3
0.5
+3
% FSR
With Internal Reference (Notes 2, 7)
-3
0.5
+3
% FSR
Full Scale Gain Drift
With External Reference (Note 7)
-
50
-
ppm
FSR/oC
With Internal Reference (Note 7)
-
100
-
ppm
FSR/oC
Full Scale Output Current, IFS
2-
20
mA
Output Voltage Compliance Range
(Note 3)
-1.0
-
1.25
V
DYNAMIC CHARACTERISTICS
Maximum Clock Rate, fCLK
ISL5761/2IA, ISL5761/2IB
210
250
-
MHz
Maximum Clock Rate, fCLK
ISL5761IA, ISL5761IB
130
150
-
MHz
Output Rise Time
Full Scale Step
-
1.5
-
ns
Output Fall Time
Full Scale Step
-
1.5
-
ns
Output Capacitance
-10
-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/
Hz
IOUTFS = 2mA
-
30
-
pA/
Hz
AC CHARACTERISTICS (Using Figure 13 with RDIFF = 50 and RLOAD= 50, Full Scale Output = -2.5dBm
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 210MSPS, fOUT = 80.8MHz, 30MHz Span (Notes 4, 7)
-
72
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz, 30MHz Span (Notes 4, 7)
-
75
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz, 20MHz Span (Notes 4, 7)
-
77
-
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com