Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5861/2IAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL5861/2IAZ
Description  12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5861/2IAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL5861/2IAZ Datasheet HTML 1Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 2Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 3Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 4Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 5Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 6Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 7Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 8Page - Renesas Technology Corp ISL5861/2IAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN6008 Rev 3.00
Page 1 of 14
Oct 7, 2015
FN6008
Rev 3.00
Oct 7, 2015
ISL5861
12-bit, +3.3V, 130/210+MSPS, High Speed D/A Converter
DATASHEET
The ISL5861 is a 12-bit, 130/210+MSPS (Mega Samples
Per Second), CMOS, high speed, low power, D/A (digital to
analog) converter, designed specifically for use in high
performance communication systems such as base
transceiver stations utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x61 family of high speed
converters, which include 10, 12, and 14-bit devices.
Features
• Speed Grades . . . . . . . . . . . . . . . . 130M and 210+MSPS
• Low Power . . . . . 103mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(73dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power =70dB at 19.2MHz
• EDGE/GSM SFDR = 90dBc at 11MHz in 20MHz Window
• Pin compatible, 3.3V, Lower Power Replacement For The
AD9752 and HI5860
• Pb-free available
Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136,
IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA Infrastructure
• Medical/Test Instrumentation
• Wireless Communication Systems
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Pinout
ISL5861
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG.
DWG. #
CLOCK
SPEED
ISL5861IBZ
(See Note) (No
longer
available,
recommended
replacement:
ISL5861IAZ)
-40 to 85 28 Ld SOIC
(Pb-free)
M28.3
130MHz
ISL5861IAZ
(See Note)
-40 to 85 28 Ld TSSOP
(Pb-free)
M28.173 130MHz
ISL5861/2IBZ
(See Note) (No
longer
available,
recommended
replacement:
ISL5861IAZ)
-40 to 85 28 Ld SOIC
(Pb-free)
M28.3
210MHz
ISL5861/2IAZ
(See Note)
-40 to 85 28 Ld TSSOP
(Pb-free)
M28.173 210MHz
ISL5861EVAL1
25
SOIC Evaluation Platform 210MHz
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLK
DCOM
NC
AVDD
COMP
IOUTB
NC
FSADJ
REFIO
REFLO
SLEEP
DVDD
IOUTA
ACOM
DCOM
DCOM


Similar Part No. - ISL5861/2IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5861/2IAZ INTERSIL-ISL5861/2IAZ Datasheet
686Kb / 13P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
More results

Similar Description - ISL5861/2IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5961 INTERSIL-ISL5961_04 Datasheet
682Kb / 13P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5829 RENESAS-ISL5829 Datasheet
915Kb / 13P
Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5629 RENESAS-ISL5629 Datasheet
706Kb / 12P
Dual 8-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com