Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD2NK60Z Datasheet(PDF) 13 Page - STMicroelectronics

Part # STD2NK60Z
Description  Zener-Protected SuperMESH MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NK60Z Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STD2NK60Z Datasheet HTML 8Page - STMicroelectronics STD2NK60Z Datasheet HTML 9Page - STMicroelectronics STD2NK60Z Datasheet HTML 10Page - STMicroelectronics STD2NK60Z Datasheet HTML 11Page - STMicroelectronics STD2NK60Z Datasheet HTML 12Page - STMicroelectronics STD2NK60Z Datasheet HTML 13Page - STMicroelectronics STD2NK60Z Datasheet HTML 14Page - STMicroelectronics STD2NK60Z Datasheet HTML 15Page - STMicroelectronics STD2NK60Z Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
STQ2NK60ZR-AP - STP2NK60Z - STF2NK60Z - STD2NK60Z-1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.32
4.95
0.170
0.194
b
0.36
0.51
0.014
0.020
D
4.45
4.95
0.175
0.194
E
3.30
3.94
0.130
0.155
e
2.41
2.67
0.094
0.105
e1
1.14
1.40
0.044
0.055
L
12.70
15.49
0.50
0.610
R
2.16
2.41
0.085
0.094
S1
0.92
1.52
0.036
0.060
W
0.41
0.56
0.016
0.022
V5°
5°
TO-92 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com