Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1001L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM1001L
Description  Reset Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1001L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM1001L Datasheet HTML 5Page - STMicroelectronics STM1001L Datasheet HTML 6Page - STMicroelectronics STM1001L Datasheet HTML 7Page - STMicroelectronics STM1001L Datasheet HTML 8Page - STMicroelectronics STM1001L Datasheet HTML 9Page - STMicroelectronics STM1001L Datasheet HTML 10Page - STMicroelectronics STM1001L Datasheet HTML 11Page - STMicroelectronics STM1001L Datasheet HTML 12Page - STMicroelectronics STM1001L Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
STM1001
PART NUMBERING
Table 6. Ordering Information Scheme
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Table 7. Marking Description
Note: 1. Lowercase “x” indicates date code.
Example:
STM1001
L
WX
6
F
Device Type
STM1001
Reset Threshold Voltage
L = VRST = 4.50V to 4.75V
M = VRST = 4.25V to 4.50V
T = VRST = 3.00V to 3.15V
S = VRST = 2.85V to 3.00V
R = VRST = 2.55V to 2.70V
Package
WX = SOT23-3
Temperature Range
6 = –40 to 85°C
Shipping Method
F = Pb-Free Package (ECO
PACK®), Tape & Reel
Part Number
Reset Threshold
Output
Topside Marking(1)
STM1001L
4.63V
Open Drain RST
8BAx
STM1001M
4.38V
Open Drain RST
8BBx
STM1001T
3.08V
Open Drain RST
8BCx
STM1001S
2.93V
Open Drain RST
8BDx
STM1001R
2.63V
Open Drain RST
8BEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com