Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAS Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # THAS
Description  High Energy Density, REACH and RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THAS Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  THAS Datasheet HTML 1Page - Cornell Dubilier Electronics THAS Datasheet HTML 2Page - Cornell Dubilier Electronics THAS Datasheet HTML 3Page - Cornell Dubilier Electronics THAS Datasheet HTML 4Page - Cornell Dubilier Electronics THAS Datasheet HTML 5Page - Cornell Dubilier Electronics THAS Datasheet HTML 6Page - Cornell Dubilier Electronics THAS Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings
Type THAS,ThinPack, Aluminum Electrolytic Capacitor, 105 ºC
Voltage
Cap (µF)
Catalog Part Number
Length
(L)
ESR max
25 °C (Ω)
120 Hz 20 kHz
Ripple (A) Case
@ 85°C
120 Hz 20 kHz
10 Vdc @ 105 °C
12 Vdc Surge @ 25 °C
8500
THAS852M010AA0C
36.4
0.12
0.09
2.00
2.20
11000
THAS113M010AB0C
45.9
0.08
0.07
2.00
2.20
14000
THAS143M010AC0C
53.8
0.07
0.06
2.60
2.86
18000
THAS183M010AD0C
66.5
0.05
0.04
3.50
3.85
16 Vdc @ 105 °C
19.2 Vdc Surge @ 25 °C
5900
THAS592M016AA0C
36.4
0.12
0.09
2.00
2.20
8200
THAS822M016AB0C
45.9
0.08
0.07
2.20
2.42
10000
THAS103M016AC0C
53.8
0.07
0.06
2.60
2.86
13000
THAS133M016AD0C
66.5
0.05
0.04
3.50
3.85
20 Vdc @ 105 °C
24 Vdc Surge @ 25 °C
5000
THAS502M020AA0C
36.4
0.12
0.09
2.00
2.20
7000
THAS702M020AB0C
45.9
0.08
0.07
2.20
2.42
8200
THAS822M020AC0C
53.8
0.07
0.06
2.60
2.86
10000
THAS103M020AD0C
66.5
0.05
0.04
3.50
3.85
25 Vdc @ 105 °C
30 Vdc Surge @ 25 °C
3500
THAS352M025AA0C
36.4
0.12
0.09
2.00
2.20
4900
THAS492M025AB0C
45.9
0.08
0.07
2.60
2.86
6000
THAS602M025AC0C
53.8
0.07
0.06
2.50
2.75
7800
THAS782M025AD0C
66.5
0.05
0.04
3.10
3.41
30 Vdc @ 105 °C
36 Vdc Surge @ 25 °C
2900
THAS292M030AA0C
36.4
0.12
0.09
2.00
2.20
4100
THAS412M030AB0C
45.9
0.08
0.07
2.60
2.86
5000
THAS502M030AC0C
53.8
0.07
0.06
3.00
3.30
6500
THAS652M030AD0C
66.5
0.05
0.04
3.50
3.85
35 Vdc @ 105 °C
42 Vdc Surge @ 25 °C
2500
THAS252M035AA0C
36.4
0.12
0.09
2.00
2.20
3500
THAS352M035AB0C
45.9
0.08
0.07
2.60
2.86
4300
THAS432M035AC0C
53.8
0.07
0.06
3.00
3.30
5600
THAS562M035AD0C
66.5
0.05
0.04
3.60
3.96
40 Vdc @ 105 °C
48 Vdc Surge @ 25 °C
2100
THAS212M040AA0C
36.4
0.12
0.09
1.70
2.04
3000
THAS302M040AB0C
45.9
0.08
0.07
2.20
2.64
3700
THAS372M040AC0C
53.8
0.07
0.06
2.50
3.00
4800
THAS482M040AD0C
66.5
0.05
0.04
3.10
3.72
50 Vdc @ 105 °C
60 Vdc Surge @ 25 °C
1400
THAS142M050AA0C
36.4
0.12
0.09
1.70
2.04
2000
THAS202M050AB0C
45.9
0.08
0.07
2.20
2.64
2500
THAS252M050AC0C
53.8
0.07
0.06
2.50
3.00
3200
THAS322M050AD0C
66.5
0.05
0.04
2.90
3.48
60 Vdc @ 105 °C
72 Vdc Surge @ 25 °C
1100
THAS112M060AA0C
36.4
0.12
0.09
1.70
2.04
1600
THAS162M060AB0C
45.9
0.08
0.07
2.20
2.64
2000
THAS202M060AC0C
53.8
0.07
0.06
2.50
3.00
2600
THAS262M060AD0C
66.5
0.05
0.04
3.10
3.72
75 Vdc @ 105 °C
90 Vdc Surge @ 25 °C
680
THAS681M075AA0C
36.4
0.29
0.19
1.10
1.43
940
THAS941M075AB0C
45.9
0.21
0.14
1.40
1.82
1100
THAS112M075AC0C
53.8
0.17
0.11
1.60
2.08
1500
THAS152M075AD0C
66.5
0.13
0.09
2.00
2.60
100 Vdc @ 105 °C
120 Vdc Surge @ 25 °C
310
THAS311M100AA0C
36.4
0.29
0.19
1.10
1.43
430
THAS431M100AB0C
45.9
0.21
0.14
1.40
1.82
530
THAS531M100AC0C
53.8
0.17
0.11
1.60
2.08
690
THAS691M100AD0C
66.5
0.13
0.09
2.00
2.60



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com