Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLSH Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MLSH
Description  Aluminum Electrolytic Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLSH Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MLSH Datasheet HTML 1Page - Cornell Dubilier Electronics MLSH Datasheet HTML 2Page - Cornell Dubilier Electronics MLSH Datasheet HTML 3Page - Cornell Dubilier Electronics MLSH Datasheet HTML 4Page - Cornell Dubilier Electronics MLSH Datasheet HTML 5Page - Cornell Dubilier Electronics MLSH Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLSH 125 °C Hermetic Slimpack, Aluminum Electrolytic Capacitor
The world’s only hermetically sealed aluminum electrolytic capacitor with
glass-to-metal seal, type MLSH has extraordinary long life and rugged
construction for the most demanding power electronics applications.
Type MLSH has superior capacitance retention compared to axial wet
tantalum capacitors at -55 °C. Packaged in a robust stainless steel case
capable of withstanding 80g’s, it replaces 3 or more axial wet tantalum
capacitors in parallel. Unlike wet tantalums that require voltage derating
at temperatures above 85 °C, type MLSH capacitors are rated for full
operating voltage at 125 °C and tested to 5000 hrs at rated voltage and
temperature.
Highlights
- Hermetically sealed with no dry out
- Alternative to axial wet tantalum
- High capacitance retention @ -55 ºC
- 5000 Hr DC life test
- Up to 80g vibration
Temperature Range
–55 °C to +125 °C
Rated Voltage Range
30 Vdc to 250 Vdc
Capacitance Range
120 µF to 3200 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 0.002 CV µA, @ 25 °C and 5 mins.
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–55 ⁰C ∕ Z+25 ⁰C @120 Hz
≤10 (5 - 20 Vdc), ≤3 (25 - 250 Vdc)
DC Life Test
5000 h @ rated voltage at 125 °C
∆ Capacitance ±20% (<50 Vdc)
∆ Capacitance ±10% (>50 Vdc)
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
5 years @ <=40 ºC, for HRMLSH 10 years @ <=40 ºC
Capacitance 100% of limit
ESR 100% of limit
DCL ≤ 0.004 CV μA
500 h @ 125 °C
Capacitance 100% of limit
ESR 100% of limit
DCL ≤ 0.002 CV μA
Vibration
Mounting: Vibration capability is dependent upon mounting restraint.
Standard MLSH Flatpack: 80g
MIL-STD-202, Meth. 204, Condition H
Case Temperature
Ambient Temperature, No Heatsink
45 °C
55 °C
65 °C
75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
0.63
0.58
0.54
0.49
0.44
0.38
0.31
0.22
0.00
45 °C 55 °C 65 °C 75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
1.41
1.32
1.22
1.12
1.00
0.87
0.71
0.50
0.00
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz &
up
5 to 40 V
0.95
0.96
1.00
1.03
1.04
1.04
1.04
60 to 250 V 0.80
0.84
1.00
1.18
1.25
1.30
1.30


Similar Part No. - MLSH

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSH CDE-MLSH Datasheet
233Kb / 6P
Hermetically sealed with no dry out
MLSH112M060JK0C CDE-MLSH112M060JK0C Datasheet
233Kb / 6P
Hermetically sealed with no dry out
MLSH121M250JK0C CDE-MLSH121M250JK0C Datasheet
233Kb / 6P
Hermetically sealed with no dry out
MLSH161M200JK0C CDE-MLSH161M200JK0C Datasheet
233Kb / 6P
Hermetically sealed with no dry out
MLSH172M050JK0C CDE-MLSH172M050JK0C Datasheet
233Kb / 6P
Hermetically sealed with no dry out
More results

Similar Description - MLSH

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com