Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP371M350EB0A Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # MLP371M350EB0A
Description  Ultra Long Life, Aluminum Electrolytic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP371M350EB0A Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  MLP371M350EB0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP371M350EB0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP371M350EB0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP371M350EB0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP371M350EB0A Datasheet HTML 5Page - Cornell Dubilier Electronics MLP371M350EB0A Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLP 85 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Capacitance vs Temperature & Frequency MLP442M050EK1C
65 ºC
25 ºC
85 ºC
0 ºC
–55 ºC
–40 ºC
45 ºC
–20 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
Frequency (Hz)
Impedance vs Temperature and Frequency MLP331M400EB0A
–40 °C
0 °C
25 °C
45 °C
85 °C
65 °C
–20 °C
0.9
0.95
1
1.05
1.1
1.15
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Test Hours 48 V and 1 A @ 60Hz
MLP 4400 µF 50 Vdc Ripple Life Test 85 ⁰C
ESR
Capacitance
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Test Hours
MLP 300 µF 400 Vdc Life Test 105 ⁰C
ESR
Capacitance
1
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Test Hours
MLP 4400 µF 50 Vdc Life Test 85 ⁰C
ESR
Capacitance
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Test Hours 391 V and 0.5 A @ 60 Hz
MLP 300 µF 400 Vdc Ripple Life Test 85 ºC
ESR
Capacitance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com