Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAS111M350AB0C Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # THAS111M350AB0C
Description  High Energy Density, REACH and RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THAS111M350AB0C Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  THAS111M350AB0C Datasheet HTML 1Page - Cornell Dubilier Electronics THAS111M350AB0C Datasheet HTML 2Page - Cornell Dubilier Electronics THAS111M350AB0C Datasheet HTML 3Page - Cornell Dubilier Electronics THAS111M350AB0C Datasheet HTML 4Page - Cornell Dubilier Electronics THAS111M350AB0C Datasheet HTML 5Page - Cornell Dubilier Electronics THAS111M350AB0C Datasheet HTML 6Page - Cornell Dubilier Electronics THAS111M350AB0C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part Numbering System
THAS
412
M
025
AA
0
C
Type
Capacitance Tolerance Rated Voltage
Case Code
Insulation
Mounting Style
THAS
322 =3200 µF
222 = 2200 µF
162 = 1600 µF
M=±20%
025 = 25 Vdc
075 = 75 Vdc
150 = 150 Vdc
200 = 200 Vdc
AA = 36.4 mm
AB = 45.9 mm
AC = 53.8 mm
AD = 66.5 mm
0 = bare can
1 = polywrap
C = two leads
Outline Drawing
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type THAS,ThinPack, Aluminum Electrolytic Capacitor, 105 ºC
Note: The polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
Style C: No Tabs
L±0.5 mm
50mm Min
10mm
±0.25 mm
25.4mm±0.3 mm
2mm Max
9.0mm ±0.3mm
0.82mm DIA 20 AWG LEADS (TYP)
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com