Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAS131M350AC0C Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # THAS131M350AC0C
Description  High Energy Density, REACH and RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THAS131M350AC0C Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  THAS131M350AC0C Datasheet HTML 1Page - Cornell Dubilier Electronics THAS131M350AC0C Datasheet HTML 2Page - Cornell Dubilier Electronics THAS131M350AC0C Datasheet HTML 3Page - Cornell Dubilier Electronics THAS131M350AC0C Datasheet HTML 4Page - Cornell Dubilier Electronics THAS131M350AC0C Datasheet HTML 5Page - Cornell Dubilier Electronics THAS131M350AC0C Datasheet HTML 6Page - Cornell Dubilier Electronics THAS131M350AC0C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type THAS,ThinPack, Aluminum Electrolytic Capacitor, 105 ºC
Typical Performance Curves
Voltage
Cap (µF)
Catalog Part Number
Length
(L)
ESR max
25 °C (Ω)
120 Hz 20 kHz
Ripple (A)
Case @ 85 °C
120 Hz 20 kHz
150 Vdc @ 105 °C
180 Vdc Surge @ 25 °C
230
THAS231M150AA0C
36.4
0.80
0.40
0.60
1.02
320
THAS321M150AB0C
45.9
0.58
0.29
0.80
1.36
400
THAS401M150AC0C
53.8
0.47
0.24
1.00
1.70
520
THAS521M150AD0C
66.5
0.37
0.18
1.20
2.04
200 Vdc @ 105 °C
240 Vdc Surge @ 25 °C
120
THAS121M200AA0C
36.4
0.90
0.45
0.60
1.02
170
THAS171M200AB0C
45.9
0.65
0.33
0.80
1.36
210
THAS211M200AC0C
53.8
0.53
0.27
0.90
1.53
270
THAS271M200AD0C
66.5
0.41
0.21
1.10
1.87
250 Vdc @ 105 °C
300 Vdc Surge @ 25 °C
110
THAS111M250AA0C
36.4
0.90
0.45
0.60
1.02
150
THAS151M250AB0C
45.9
0.65
0.33
0.80
1.36
190
THAS191M250AC0C
53.8
0.53
0.27
0.90
1.53
250
THAS251M250AD0C
66.5
0.41
0.21
1.10
1.87
300 Vdc @ 105 °C
350 Vdc Surge @ 25 °C
90
THAS900M300AA0C
36.4
0.90
0.45
0.60
1.02
130
THAS131M300AB0C
45.9
0.65
0.33
0.80
1.36
160
THAS161M300AC0C
53.8
0.53
0.27
0.90
1.53
200
THAS201M300AD0C
66.5
0.41
0.21
1.10
1.87
350 Vdc @ 105 °C
400 Vdc Surge @ 25 °C
80
THAS800M350AA0C
36.4
2.45
1.18
0.60
1.02
110
THAS111M350AB0C
45.9
1.78
0.85
0.60
1.02
130
THAS131M350AC0C
53.8
1.45
0.70
0.70
1.19
170
THAS171M350AD0C
66.5
1.12
0.54
0.80
1.36
400 Vdc @ 105 °C
450 Vdc Surge @ 25 °C
70
THAS700M400AA0C
36.4
2.45
1.18
0.60
1.02
90
THAS900M400AB0C
45.9
1.78
0.85
0.60
1.02
110
THAS111M400AC0C
53.8
1.45
0.70
0.70
1.19
140
THAS141M400AD0C
66.5
1.12
0.54
0.80
1.36
450 Vdc @ 105 °C
500 Vdc Surge @ 25 °C
60
THAS600M450AA0C
36.4
2.45
1.18
0.60
1.02
80
THAS800M450AB0C
45.9
1.78
0.85
0.60
1.02
100
THAS101M450AC0C
53.8
1.45
0.70
0.70
1.19
130
THAS131M450AD0C
66.5
1.12
0.54
0.80
1.36
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
RatedRipple-Current Multiple
Type THAS Operating Life in Kilohours vs Ripple Current
45°C
55°C
65°C
75°C
85°C
95°C
105°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com