Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S150M Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # S150M
Description  Silicon Standard Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

S150M Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  S150M Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. S150M Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. S150M Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 600 V - 1200 V
IF =150 A
Features
• High Surge Capability
DO-8 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
S150J (R)
S150K (R)
Unit
Repetitive peak reverse voltage
VRRM
600
800
V
• Types from 600 V to 1200 V VRRM
Silicon Standard
Recovery Diode
Conditions
1200
S150J thru S150QR
S150Q (R)
1000
S150M (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
2. Reverse polarity (R): Stud is anode.
pp
g
RMS reverse voltage
VRMS
420
560
V
DC blocking voltage
VDC
600
800
V
Continuous forward current
IF
150
150
A
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
S150J (R)
S150K (R)
Unit
Diode forward voltage
1.2
1.2
10
10
μA
15
15
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.35
0.35
°C/W
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
840
1200
1000
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
-55 to 150
S150Q (R)
10
10
S150M (R)
0.35
VR = 600 V, Tj = 150 °C
0.35
1.2
1.2
9
VR = 600 V, Tj = 25 °C
IF = 150 A, Tj = 25 °C
TC ≤ 180 °C
Conditions
700
3140
3140
-55 to 150
150
150
15
A
3140
Reverse current
IR
VF
3140
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Feb 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - S150M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S150M GENESIC-S150M Datasheet
751Kb / 3P
Silicon Standard Recovery Diode
S150M GENESIC-S150M Datasheet
769Kb / 3P
Silicon Standard Recovery Diode
S150MR GENESIC-S150MR Datasheet
751Kb / 3P
Silicon Standard Recovery Diode
S150MR GENESIC-S150MR Datasheet
769Kb / 3P
Silicon Standard Recovery Diode
More results

Similar Description - S150M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N3208 GENESIC-1N3208_16 Datasheet
679Kb / 3P
Silicon Standard Recovery Diode
1N3212 GENESIC-1N3212_16 Datasheet
714Kb / 3P
Silicon Standard Recovery Diode
1N3765 GENESIC-1N3765_16 Datasheet
728Kb / 3P
Silicon Standard Recovery Diode
1N4588 GENESIC-1N4588_16 Datasheet
748Kb / 3P
Silicon Standard Recovery Diode
GKN7104 GENESIC-GKN7104_16 Datasheet
561Kb / 3P
Silicon Standard Recovery Diode
S25K GENESIC-S25K_16 Datasheet
784Kb / 3P
Silicon Standard Recovery Diode
S6K GENESIC-S6K_16 Datasheet
791Kb / 3P
Silicon Standard Recovery Diode
S16K GENESIC-S16K_16 Datasheet
782Kb / 3P
Silicon Standard Recovery Diode
S70B GENESIC-S70B_16 Datasheet
646Kb / 3P
Silicon Standard Recovery Diode
S85K GENESIC-S85K_16 Datasheet
611Kb / 3P
Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com