Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M063ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SH331M063ST
Description  2000 Hour Long Life, Aluminum Electrolytic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M063ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SH331M063ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M063ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M063ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M063ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M063ST Datasheet HTML 5Page - Cornell Dubilier Electronics SH331M063ST Datasheet HTML 6Page - Cornell Dubilier Electronics SH331M063ST Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Ratings
Capacitance
(uF)
Catalog
Part Number
ESR
120
Hz/+25°C
(ohms)
Max
Ripple Current
120 Hz/
+105°C
(ma)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead dia.
(d)
6.3 Vdc (8 Volts Surge)
47
100
220
330
470
1000
2200
3300
4700
SH470M6R3ST
SH101M6R3ST
SH221M6R3ST
SH331M6R3ST
SH471M6R3ST
SH102M6R3ST
SH222M6R3ST
SH332M6R3ST
SH472M6R3ST
7.34
3.45
1.57
1.04
0.73
0.34
0.17
0.12
0.09
65
0.197
(5.0)
100
0.197
(5.0)
165
0.248
(6.3)
200
0.315
(8.0)
280
0.315
(8.0)
470
0.394
(10.0)
930
0.512
(13.0)
1100
0.512
(13.0)
1320
0.630
(16.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.433
(11.0)
0.138
(3.5)
0.492
(12.5)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
10 Vdc (13 Volts Surge)
47
100
220
330
470
1000
2200
3300
4700
SH470M010ST
SH101M010ST
SH221M010ST
SH331M010ST
SH471M010ST
SH102M010ST
SH222M010ST
SH332M010ST
SH472M010ST
6.21
2.92
1.33
0.88
0.62
0.29
0.14
0.10
0.08
75
0.197
(5.0)
110
0.197
(5.0)
180
0.248
(6.3)
255
0.315
(8.0)
305
0.315
(8.0)
570
0.394
(10.0)
1010
0.512
(13.0)
1220
0.512
(13.0)
1410
0.630
(16.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.433
(11.0)
0.138
(3.5)
0.630
(16.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
16 Vdc (20 Volts Surge)
33
47
100
220
330
470
1000
2200
3300
4700
SH330M016ST
SH470M016ST
SH101M016ST
SH221M016ST
SH331M016ST
SH471M016ST
SH102M016ST
SH222M016ST
SH332M016ST
SH472M016ST
7.23
5.08
2.39
1.09
0.72
0.51
0.24
0.12
0.09
0.07
70
0.197
(5.0)
85
0.197
(5.0)
135
0.248
(6.3)
235
0.315
(8.0)
285
0.315
(8.0)
395
0.394
(10.0)
700
0.394
(10.0)
1150
0.512
(13.0)
1350
0.630
(16.0)
1560
0.630
(16.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.433
(11.0)
0.138
(3.5)
0.492
(12.5)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
1.26
(32.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
25 Vdc (32 Volts Surge)
10
22
33
47
100
220
330
470
1000
2200
3300
4700
SH100M025ST
SH220M025ST
SH330M025ST
SH470M025ST
SH101M025ST
SH221M025ST
SH331M025ST
SH471M025ST
SH102M025ST
SH222M025ST
SH332M025ST
SH472M025ST
21.22
9.65
6.43
4.52
2.12
0.96
0.64
0.45
0.21
0.11
0.08
0.06
39
0.197
(5.0)
60
0.197
(5.0)
75
0.197
(5.0)
90
0.197
(5.0)
145
0.248
(6.3)
250
0.394
(10.0)
355
0.394
(10.0)
470
0.394
(10.0)
855
0.512
(13.0)
1230
0.630
(16.0)
1450
0.630
(16.0)
1690
0.709
(18.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.492
(12.5)
0.197
(5.0)
0.492
(12.5)
0.197
(5.0)
0.630
(16.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
1.26
(32.0)
0.295
(7.5)
1.40
(36.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
0.031
(0.8)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com