Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP331M200E3P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # LP331M200E3P3
Description  Stable ESR, Long Life, Snap-In
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LP331M200E3P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  LP331M200E3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics LP331M200E3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics LP331M200E3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics LP331M200E3P3 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LP 105 ºC Snap-In Aluminum Electrolytic Capacitors
Outline Drawing
Ratings
Part Numbering System
Diameter
Length
mm
(in)
mm
(in)
25
30
35
40
45
50
(1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22
(0.87)
A1
A3
A5
A7
A4
A9
25
(1.00)
C1
C3
C5
C7
C4
C9
30
(1.18)
E1
E3
E5
E7
E4
E9
35
(1.38)
H1
H3
H5
H7
H4
H9
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+105 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
16 Vdc; 20 Vdc Surge
4,700 LP472M016A1P3
0.141
1.20
0.866 0.984 22 25
5,600 LP562M016C1P3
0.120
1.43
0.984 0.984 25 25
8,200 LP822M016A5P3
0.081
1.82
0.866 1.378 22 35
12,000 LP123M016E3P3
0.055
2.38
1.181 1.181 30 30
15,000 LP153M016H3P3
0.046
3.00
1.378 1.181 35 30
22,000 LP223M016E7P3
0.030
3.53
1.181 1.575 30 40
27,000 LP273M016H7P3
0.025
4.27
1.378 1.575 35 40
33,000 LP333M016H9P3
0.020
5.00
1.378 1.969 35 50
47,000 LP473M016E9P3
0.020
6.80
1.181 1.969 30 50
25 Vdc; 32 Vdc Surge
2,700 LP272M025C1P3
0.180
1.000
0.984 0.984 25 25
3,300 LP332M025A1P3
0.151
1.160
0.866 0.984 22 25
3,300 LP332M025C1P3
0.150
1.143
0.984 0.984 25 25
4,700 LP472M025C1P3
0.106
1.480
0.984 0.984 25 25
5,600 LP562M025E1P3
0.090
1.857
1.181 0.984 30 25
5,600 LP562M025C3P3
0.089
1.730
0.984 1.181 25 30
6,800 LP682M025C5P3
0.073
1.940
0.984 1.378 25 35
10,000 LP103M025H3P3
0.050
3.333
1.378 1.181 35 30
12,000 LP123M025H3P3
0.041
2.970
1.378 1.181 35 30
15,000 LP153M025E7P3
0.033
3.360
1.181 1.575 30 40
22,000 LP223M025H9P3
0.023
4.857
1.378 1.969 35 50
LP
332
M
025
A1
P
3
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Polarity
Sleeve
LP
821 = 820 µF
M = ±20%
025 = 25 Vdc
P = Polarized
3 = PVC or PET
332 = 3300 µF
250 = 250 Vdc
103 = 10,000 µF
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+105 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
35 Vdc; 44 Vdc Surge
1,800 LP182M035A1P3
0.188
1.040
0.866 0.984 22 25
2,700 LP272M035C1P3
0.155
1.257
0.984 0.984 25 25
3,900 LP392M035E1P3
0.108
1.571
1.181 0.984 30 25
5,600 LP562M035E3P3
0.074
2.050
1.181 1.181 30 30
6,800 LP682M035E5P3
0.060
2.286
1.181 1.378 30 35
6,800 LP682M035C7P3
0.061
2.320
0.984 1.575 25 40
8,200 LP822M035H3P3
0.051
2.690
1.378 1.181 35 30
10,000 LP103M035E7P3
0.041
3.000
1.181 1.575 30 40
12,000 LP123M035H7P3
0.035
3.590
1.378 1.575 35 40
15,000 LP153M035H9P3
0.028
4.000
1.378 1.969 35 50
50 Vdc; 63 Vdc Surge
1,200 LP122M050A1P3
0.280
0.860
0.866 0.984 22 25
1,500 LP152M050A1P3
0.225
0.983
0.866 0.984 22 25
2,200 LP222M050A5P3
0.151
1.330
0.866 1.378 22 35
2,200 LP222M050E1P3
0.150
1.429
1.181 0.984 30 25
3,300 LP332M050E3P3
0.101
1.760
1.181 1.181 30 30
3,300 LP332M050C5P3
0.101
1.710
0.984 1.378 25 35
3,300 LP332M050C3P3
0.101
1.710
0.984 1.181 25 30
3,900 LP392M050C7P3
0.085
1.970
0.984 1.575 25 40
4,700 LP472M050H3P3
0.071
2.270
1.378 1.181 35 30
(PET for all
date codes
after October
2017)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com