Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M100ST Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SH331M100ST
Description  2000 Hour Long Life, Aluminum Electrolytic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M100ST Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SH331M100ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M100ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M100ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M100ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M100ST Datasheet HTML 5Page - Cornell Dubilier Electronics SH331M100ST Datasheet HTML 6Page - Cornell Dubilier Electronics SH331M100ST Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Outline Drawing
Outline Dimensions
(Millimeters)
L
S ˜0.5
15 Min.
D
5
PVC Sleeve
d ˜0.05
+
-
Case vented on
Vinyl sleeve adds .5 Max. to diameter
diameters 6.3 and greater
and 2.0 Max. to length
Part Numbering System
SH
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SH
1R0 = 1
K = ±10
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Temperature Characteristics
40
30
47˛F 100V
100˛F 160V
100
20
50
10
%˜DF
%˜C
0
10
-10
55
-20
1
-30
100˛F 160V
47˛F 100V
-40
0
40
80
120
-40
0
40
80
120
Temperature °C
Temperature °C
Capacitance Change Ratio
Dissipation Factor Change
Load Life Characteristics
47˛F 100V
100˛F 160V
100
10
20
100˛F 160V
470˛F 25V
50
%˜C
0
%˜DF 15
%˜LC
-10
10
10
5
-20
5
0
500
1000
1500
2000
0
500
1000
1500
2000
1
Time In Hours
Time In Hours
100˛F 160V
47˛F 100V
0
500
1000
1500
2000
Capacitance Change Ratio
Dissipation Factor Change
Time In Hours
Leakage Current Change



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com