Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10366 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10366
Description  ~14째 smooth spot beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10366 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10366 Datasheet HTML 1Page - Ledil, Inc. C10366 Datasheet HTML 2Page - Ledil, Inc. C10366 Datasheet HTML 3Page - Ledil, Inc. C10366 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C10366_PLATINUMROCKET-3-SS
PLATINUMROCKET-3-SS
~14° smooth spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50 mm
Height
15.6 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
6.6 kg
Quantity in Box
364 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
PLATINUMROCKET-3-SS
Lens array
PMMA
clear
Last update: 06/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C10366

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10366 LEDIL-C10366 Datasheet
158Kb / 3P
Martha Lens array
More results

Similar Description - C10366

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
~9째 smooth spot beam
C16255 LEDIL-C16255 Datasheet
2Mb / 4P
~14째 smooth spot beam
CP16937 LEDIL-CP16937 Datasheet
3Mb / 4P
~14째 spot beam.
C16731 LEDIL-C16731 Datasheet
7Mb / 7P
~14째 smooth spot beam
CP15212 LEDIL-CP15212 Datasheet
3Mb / 6P
~14째 spot beam.
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
C13236 LEDIL-C13236 Datasheet
2Mb / 7P
~14째 spot beam
C11192 LEDIL-C11192 Datasheet
2Mb / 9P
~12째 smooth spot beam
CP17594 LEDIL-CP17594 Datasheet
1Mb / 4P
~14째 spot beam
CP17588 LEDIL-CP17588 Datasheet
1Mb / 4P
~14째 diffused spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com