Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6359B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U6359B
Description  Frequency Synthesizer for TV Tuner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6359B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U6359B Datasheet HTML 1Page - TEMIC Semiconductors U6359B Datasheet HTML 2Page - TEMIC Semiconductors U6359B Datasheet HTML 3Page - TEMIC Semiconductors U6359B Datasheet HTML 4Page - TEMIC Semiconductors U6359B Datasheet HTML 5Page - TEMIC Semiconductors U6359B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U6359B
TELEFUNKEN Semiconductors
Rev. A1, 18-Sep-96
2 (6)
Absolute Maximum Ratings
Reference point Pin 8, 16
Parameters
Symbol
Value
Unit
Supply voltage
Pins 5 and 18
VS
6
V
Input voltage range
Pins 15 and 17
VRFi
0 to VS
V
Junction temperature
Tj
125
°C
Ambient temperature range
Tamb
–10 to + 65
°C
Storage temperature range
Tstg
–40 to +125
°C
Pin Configuration
1
2
3
4
5
6
7
8
10
9
19
18
17
16
14
15
13
12
11
20
CLOCK
VS (I2L)
12645
Q1
Q2
GND (I2L)
VD
ENABLE
DATA
RFi
GND (ECL)
RFi
P4
P3
P2
Test 2
VS (ECL)
PD
P1
Test 1
Lock
Figure 2. Pinning
Pin
Symbol
Function
1
Test 1
Test 1 input
2
ENABLE
Enable input
3
DATA
Data input
4
CLOCK
Clock input
5
VS (I2L)
Supply voltage (I2L)
6
Q1
Crystal
7
Q2
Crystal
8
GND (I2L)
Ground (I2L)
9
VD
Active filter output
10
PD
Charge pump output
11
P1
Port output (open collector)
12
P2
Port output (open collector)
13
P3
Port output (open collector)
14
P4
Port output (open collector)
15
RFi
RF input
16
GND
(ECL)
Ground (ECL)
17
RFi
RF input
18
VS (ECL)
Supply voltage (ECL)
19
Test 2
Test 2 input
20
Lock
Lock output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com