Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STB121PM Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 2STB121PM
Description  DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2STB121PM Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 2STB121PM Datasheet HTML 15Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 16Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 17Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 18Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 19Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 20Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 21Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 22Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SJI-M030227A
21
C1
R1
VM
C2
C3
C5
C4
構成例 (3)
VCC
GND
2STB121PM
SL1
SL2
IC1
GNDに接続して正転動作、
VCCに接続して逆転動作
VCC
VCRL
TEST
CS
OSC
GND
FR
NF
FG
VM
UW
RS
V
R2
外付け定数の一例
R1=0.5Ω
R2=10K
C1=0.027u
C2=0.027u
C3=0.15u
C4=0.1u
C5=0.1u
M
U
W
V
N(モータ
中性点)
1kΩ
1kΩ
1kΩ
・外付け定数はモータによって変わることがあります。
・VCCおよびVMは別電源で使用することが可能です。
・C4,C5は位相補償用コンデンサです。
・C4は電源変動が無い場合、RS端子,GND,VMのいずれに接続しても位相補償の
効果としては同じです。
・電源電圧の変動・リプルが問題となる場合、C4をVMに対して挿入して下さい。
・モータのインピーダンスが大きい場合等で逆起電圧ヒステリシス以上のノイズがモータから
発生する場合等には、構成例2または3の外回り回路をご検討下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com