Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA16129 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16129
Description  ~40째 wide beam with flange. Assembly with holder and installation tape.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16129 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16129 Datasheet HTML 1Page - Ledil, Inc. CA16129 Datasheet HTML 2Page - Ledil, Inc. CA16129 Datasheet HTML 3Page - Ledil, Inc. CA16129 Datasheet HTML 4Page - Ledil, Inc. CA16129 Datasheet HTML 5Page - Ledil, Inc. CA16129 Datasheet HTML 6Page - Ledil, Inc. CA16129 Datasheet HTML 7Page - Ledil, Inc. CA16129 Datasheet HTML 8Page - Ledil, Inc. CA16129 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CA16129_OLGA-W
OLGA-W
~40° wide beam with flange. Assembly with
holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 32 mm
Height
19.1 mm
Fastening
tape, pin
Colour
black
Box size
476 x 273 x 292 mm
Box weight
10 kg
Quantity in Box
792 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
OLGA-W
Lens
PMMA
clear
OLGA-HLD
Holder
PC
black
SPUTNIK-TAPE3
Tape
PU tape
black
Last update: 08/06/2018
Subject to change without prior notice
1/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA16129

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16129_OLGA-W LEDIL-CA16129_OLGA-W Datasheet
1Mb / 19P
OLGA Assembly
More results

Similar Description - CA16129

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12426 LEDIL-CA12426_18 Datasheet
6Mb / 8P
~40째 wide beam. Assembly with holder and installation tape.
CA12427 LEDIL-CA12427 Datasheet
6Mb / 8P
~55째 wide beam. Assembly with holder and installation tape.
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
~70째 wide beam. Assembly with holder and installation tape.
CA12429 LEDIL-CA12429 Datasheet
3Mb / 6P
~60째 40째 oval beam. Assembly with holder and installation tape.
CA12892 LEDIL-CA12892_18 Datasheet
10Mb / 5P
~55째 wide beam. Assembly with holder and installation tape.
CA13043 LEDIL-CA13043_18 Datasheet
10Mb / 5P
~40째 wide beam. Assembly with holder and installation tape.
CA13044 LEDIL-CA13044_18 Datasheet
7Mb / 4P
~60째 40째 oval beam. Assembly with holder and installation tape.
FA11027 LEDIL-FA11027 Datasheet
1Mb / 5P
~60째 wide beam. Assembly with holder and installation tape.
FCA15009 LEDIL-FCA15009_18 Datasheet
4Mb / 4P
~40째 wide beam. Assembly black holder and installation tape.
CA16205 LEDIL-CA16205 Datasheet
7Mb / 7P
~1240째 oval beam with holder and installation tape
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com