Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-00GXP1-R Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-00GXP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-00GXP1-R Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button PKGS-00GXP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PKGS-00GXP1-R Datasheet HTML 15Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Reference only
P.12 /15
MURATA MANUFACTURING CO., LTD
11. Taping Method
11-1 The tape for transducer shall be would clockwise. The feeding holes shall be to the right side
as the tape is pulled toward the user.
11-2 A reel shall contain 3,000 pcs of transducers and be clearly marked with part number,
quantity, inspection number.
Figure.3 Dimension of Plastic Tape
Figure.4 Dimension of Plastic Reel
12.5
–0.0
+1.0
19.5 Max
13 0.5
2
–0.2
+0.5
110 to 190
Trailer
160 Min.
400 to 560
Cover Tape
Leader
Unit : mm
100 Min. weld
4.0
0.1
2.0
0.1
1.5 -0.0
+0.1
4.0
0.1
2.4
0.1
1.5 -0.0
+0.3
(3
 )
196 to 686mN (20 to 70gf)
300mm/min.
Cover Tape
10
Direction of Feed
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com