Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with UP Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3258ITS-2.8-R-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
4
3258.2005.04.1.5
Electrical Characteristics
1
T
J = 25°C, unless otherwise noted.
Symbol
Description
Conditions
Min
Typ
Max
Units
300mA LDO Regulator
V
OUT
Output Voltage
I
OUT = 1mA
T
A = 25°C
-1.5
1.5
%
to 300mA
T
A = -40°C to 85°C
-2.5
2.5
I
OUT
Output Current
V
OUT > 1.2V
300
mA
I
SC
Short-Circuit Current
V
OUT < 0.4V
600
mA
I
GND
Ground Current
V
IN = 5V, No Load, SHDN = VIN
70
125
µA
I
SHDN
Shutdown Current
V
IN = 5V, SHDN = 0V
1.0
µA
∆V
OUT/VOUT*∆VIN
Line Regulation
V
IN = VOUT + 1 to 5.0V
0.09
%/V
∆V
OUT (line)
Dynamic Line Regulation
I
OUT = 300mA, TR/TR = 2µs,
2.5
mV
V
IN = VOUT + 1V to VOUT + 2V
V
OUT (load)
Dynamic Load Regulation
I
OUT = 1mA to 300mA, TR < 5µs
60
mV
T
ENDLY
Enable Delay Time
BYP = Open
15
µs
V
DO
Dropout Voltage
2
I
OUT = 300mA
400
600
mV
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
1.5
V
I
IL
Input Low Current
1.0
µA
I
IH
Input High Current
1.0
µA
1kHz
67
PSRR
Power Supply Rejection Ratio
I
OUT = 10mA,
10kHz
47
dB
C
BYP = 10nF
1MHz
45
T
SD
Over-Temperature Shutdown
145
°C
Threshold
T
HYS
Over-Temperature Shutdown
12
°C
Hysteresis
e
N
Output Noise
50
µV
RMS
TC
Output Voltage Temperature
22
ppm/°C
Coefficient
1. The AAT3258 is guaranteed to meet performance specifications over the -40°C to 85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. V
DO is defined as VIN - VOUT when VOUT is 98% of nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com