Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3258ITS-3.3-R-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3258ITS-3.3-R-T1
Description  300mA LDO Linear Regulator with UP Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-3.3-R-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3258ITS-3.3-R-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2005.04.1.5
9
Typical Characteristics
Unless otherwise noted, V
IN = 5V, TA = 25°C.
Maximum Transient Duration
vs. Reset Threshold Overdrive
0
50
100
150
200
250
300
350
400
1
10
100
1000
Reset Threshold Overdrive,
VTH-VCC (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com