Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC519 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC519
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC519 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC519 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC519 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model: AC519
Vcc=+15V
Icc=129.18
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.09
1.09
26.88
36
-37.1
10
1.12
1.05
27.27
16
-37.0
20
1.15
1.03
27.43
4
3.4
-37.0
50
1.17
1.05
27.51
-11
1.4
-36.7
100
1.19
1.06
27.48
-29
0.97
-36.7
200
1.26
1.07
27.43
-60
0.88
-36.9
300
1.34
1.10
27.36
-92
0.86
-36.7
400
1.42
1.17
27.32
-123
0.87
-36.6
500
1.44
1.27
27.27
-155
0.89
-36.1
600
1.39
1.46
27.26
172
0.92
-35.2
700
1.27
1.82
27.20
137
0.98
-34.0
LINEAR S-PARAMETERS
Model: AC519
Vcc=+15V
Icc=129.18
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.04
-53.0
22.09
35.7
0.014
35.0
0.04
-84.7
10
0.06
-13.2
23.11
16.1
0.014
17.6
0.02
-60.5
20
0.07
-8.6
23.53
3.7
0.014
10.6
0.02
-17.6
50
0.08
-19.4
23.73
-11.4
0.015
0.5
0.02
0.7
100
0.09
-36.7
23.67
-28.8
0.015
-6.8
0.03
0.5
200
0.11
-64.5
23.53
-60.5
0.014
-17.1
0.04
1.0
300
0.15
-84.1
23.35
-91.5
0.015
-24.1
0.05
-3.7
400
0.17
-102.4
23.21
-122.9
0.015
-32.3
0.08
-14.4
500
0.18
-122.2
23.10
-154.8
0.016
-40.8
0.12
-30.8
600
0.16
-148.9
23.08
172.0
0.017
-54.9
0.19
-53.3
700
0.12
163.0
22.91
136.7
0.020
-69.6
0.29
-77.2
Model: AC519
Vcc=+12V
Icc=102.49
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.11
1.11
26.71
35
-37.1
10
1.14
1.06
27.10
16
-36.7
20
1.16
1.04
27.26
3
3.4
-36.6
50
1.18
1.05
27.33
-12
1.4
-36.6
100
1.20
1.06
27.30
-29
0.97
-36.8
200
1.28
1.09
27.25
-61
0.89
-36.2
300
1.37
1.13
27.17
-92
0.87
-36.4
400
1.45
1.20
27.12
-124
0.88
-35.9
500
1.47
1.32
27.09
-156
0.9
-35.7
600
1.43
1.53
27.09
170
0.93
-34.6
700
1.33
1.94
27.02
134
1
-33.8
Model: AC518
Vcc=+15V
Icc=96.59
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.24
1.07
27.71
30
-37.6
10
1.13
1.15
27.84
13
-37.1
20
1.08
1.18
27.91
2
3
-36.7
50
1.08
1.19
27.94
-11
1.3
-36.8
100
1.11
1.20
27.93
-28
0.9
-36.9
200
1.20
1.21
27.96
-58
0.84
-36.6
300
1.31
1.20
28.01
-88
0.84
-36.0
400
1.38
1.21
28.04
-119
0.86
-35.9
500
1.45
1.24
28.01
-151
0.89
-35.6
600
1.53
1.40
27.84
175
0.93
-34.2
700
1.76
1.77
27.44
140
0.97
-33.7
LINEAR S-PARAMETERS
Model: AC518
Vcc=+15V
Icc=96.59
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.11
-109.0
24.28
30.1
0.013
37.2
0.03
47.2
10
0.06
-127.0
24.66
12.8
0.014
17.7
0.07
15.1
20
0.04
-157.0
24.85
2.1
0.015
10.7
0.08
7.7
50
0.04
157.5
24.94
-11.5
0.014
0.6
0.09
2.3
100
0.05
128.0
24.91
-27.7
0.014
-0.6
0.09
-2.5
200
0.09
106.5
25.01
-57.9
0.015
-10.1
0.09
-10.6
300
0.13
97.5
25.14
-88.1
0.016
-10.7
0.09
-25.0
400
0.16
93.6
25.24
-119.1
0.016
-17.0
0.09
-52.2
500
0.18
94.6
25.16
-151.1
0.017
-26.6
0.11
-95.6
600
0.21
103.0
24.66
175.3
0.019
-38.5
0.17
-142.0
700
0.27
113.5
23.55
140.4
0.021
-51.5
0.28
-179.2
Model: AC518
Vcc=+12V
Icc=76.42
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.24
1.07
27.51
29
-37.4
10
1.12
1.15
27.65
13
-37.1
20
1.07
1.17
27.72
2
2.9
-37.2
50
1.06
1.19
27.75
-12
1.3
-36.6
100
1.09
1.19
27.74
-28
0.9
-36.7
200
1.18
1.21
27.78
-58
0.84
-36.9
300
1.27
1.22
27.85
-89
0.85
-36.3
400
1.34
1.22
27.90
-120
0.87
-35.7
500
1.43
1.26
27.89
-152
0.9
-34.8
600
1.55
1.42
27.72
174
0.95
-34.3
700
1.85
1.81
27.29
138
0.98
-33.2
FREQUENCY - MHz
Gain vs Temperature AC518
Gain vs Temperature AC519
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
23.0
22.0
21.0
20.0
19.0
18.0
Power Output at 1 dB Compression
70
60
50
40
30
20
Intercept Point AC518
70
60
50
40
30
20
Intercept Point AC519
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
5.0
4.0
3.0
2.0
29.0
28.0
27.0
26.0
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
29.0
28.0
27.0
26.0
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
AC519
AC519 (15 V)
AC518 (15 V)
AC518
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC518/AC519
2003
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
105



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com