Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACF Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # ACF
Description  Type ACF, Metallized Polypropylene Capacitors for AC Filtering
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

ACF Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  ACF Datasheet HTML 1Page - Cornell Dubilier Electronics ACF Datasheet HTML 2Page - Cornell Dubilier Electronics ACF Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
ACF
550
K
301
L1/S
–F
Type
Capacitance
Tolerance
Voltage
Terminals
RoHS
ACF
505 = 5 µF
K = ±10 %
301 = 300 Vac
L1 = Lugs
Compliant
106 = 10 µF
J = ±5 %
531 = 530 Vac
S = Studs
107 = 100 µF
901 = 900 Vac
Ratings
Part Numbering System
Other ratings available upon request, as well as other terminations
Type ACF, Metallized Polypropylene Capacitors for AC Filtering
High Current, High Capacitance, Low ESR, Low Inductance
Catalog Number
Cap
(µF)
Diameter
(mm)
Max
Length
(mm)
±2.5
F/L or C-C
Dimension
(mm)
±1.5
Surface
Area
(in2)
Max Power (W)
Typical
ESR
(mΩ)
Typical
ESL
(nH)
Rth
(°C/W)
fr
(kHz)
Ipk
(A)
dV/dt
(V/µs)
25 °C 45 °C 65 °C 85°C
300 Vrms 50/60Hz 450 Vdc
ACF506K301L1-F
50
63
50
86.5
25.0
5.7
4.1
2.6
1.0
1.4
40
12.45
112
2571
52
ACF756K301L1-F
75
62
68
104
29.9
6.7
4.9
2.9
1.0
1.8
59
10.51
75
2465
33
ACF107K301L1-F
100
71
68
104
35.8
7.8
5.6
3.3
1.2
1.5
59
8.75
65
3286
33
ACF157K301L1-F
150
73
88
124
44.3
9.3
6.7
3.8
1.0
1.8
79
7.05
46
3490
23
ACF207K301L1-F
200
72
112
149
51.9
10.2
6.9
3.7
0.4
2.2
105
5.94
34
3409
17
ACF257K301L1-F
250
82
112
149
61.1
10.7
8.0
4.0
0.2
1.9
105
5.03
31
5261
17
530 Vrms 50/60Hz 750 Vdc
ACF505K531S-F
5
38
63
82.5
15.2
3.5
2.6
1.6
0.6
3.6
54
21.16
306
822
164
ACF106K531S-F
10
51
63
82.5
22.0
5.0
3.7
2.3
0.9
2.1
54
14.19
216
1643
164
ACF206K531S-F
20
71
63
82.5
34.1
7.9
5.7
3.5
1.4
1.4
54
9.18
153
3286
164
ACF306K531S-F
30
68.5
87
106.5
40.4
9.3
6.6
4.2
1.6
1.9
79
7.72
103
3036
89
ACF406K531S-F
40
73.5
96
115.5
47.5
11.0
8.0
4.9
1.8
1.9
88
6.54
84
3542
89
ACF506K531S-F
50
81.3
96
115.5
54.1
8.9
6.5
4.5
2.3
1.5
88
5.69
75
3629
73
ACF606K531S-F
60
81.5
112
130.5
60.6
10.3
7.9
5.3
2.7
1.7
110
4.93
62
3811
64
ACF756K531S-F
75
82.5
137
130.5
71.6
15.9
11.1
6.7
2.1
2.2
130
4.35
50
4231
56
ACF107K531S-F
100
93.5
137
130.5
83.7
18.0
12.7
7.6
2.2
1.8
130
3.69
44
5642
56
900 Vrms 50/60Hz 1300 Vdc
ACF505K901S-F
5
34.5
137
156.5
25.9
5.9
4.1
2.6
1.0
10.2
130
12.28
197
661
132
ACF106K901S-F
10
46.5
137
156.5
36.3
8.4
6.0
3.7
1.4
5.5
130
8.63
139
1322
132
ACF206K901S-F
20
64
137
156.5
52.7
11.9
8.7
5.2
1.9
3.1
130
5.90
98
2644
132
ACF306K901S-F
30
79.5
137
156.5
68.4
15.5
11.3
6.7
2.4
2.3
130
4.51
80
3966
132
ACF406K901S-F
40
90.5
137
156.5
80.3
18.2
13.1
7.8
2.6
1.9
130
3.83
70
5288
132
ACF506K901S-F
50
100
137
156.5
91.1
17.0
15.0
9.1
2.9
1.7
130
3.36
62
6610
132
I max: Maximum rms current value for continuous operation (A)
I peak: Maximum current amplitude for continuous operation (A)
R
s: Equivalent series resistance – Ohmic resistances (Ohm)
Dielectric Dissipation Factor: tan δ (Polypropylene: 0.0002)
T
hs: Hot spot temperature within the capacitor: Ths = Ta + (Ptotal • 298 / SA)
T
a: Ambient temperature
R
th: Thermal resistance: °C/ Watt, indicates hot spot temperature rise due to power dissipation losses
P
max: Maximum power dissipation: Pmax = (Ths - Ta) / Rth (Watts) Ths < 100°C
P
R: Power generated by Ohmic losses: PR = I
2
•(RS + (X
c • DF)] (Watts)
PD: Power generated by Dielectric losses: P
D = Vpeak
2
•C•π•F•DF (Watts)
P
total: Total power generated: Ptotal = PFund + PHarm1 + PHarm2 + …. + Pharm ∞
Design life: 60,000 hours 94% survival T
hs: 100 °C
Performance Notes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com