Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMF Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # WMF
Description  Polyester Film Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WMF Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  WMF Datasheet HTML 1Page - Cornell Dubilier Electronics WMF Datasheet HTML 2Page - Cornell Dubilier Electronics WMF Datasheet HTML 3Page - Cornell Dubilier Electronics WMF Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type WMF Polyester Film Capacitors
Film/Foil, Axial Leads - Commercial, Industrial Applications
Specifications
Type WMF axial-leaded, polyester film/foil capacitors, available in
a wide range of capacitance and voltage ratings, offer excellent
moisture resistance capability with extended foil, non-inductive
wound sections, epoxy sealed ends and a sealed outer wrapper. Like
the Type DMT, Type WMF is an ideal choice for most applications,
especially those with high peak currents.
(38.1mm)
(38.1mm)
L MAX.
MAX.
D
Capacitance Range
.001 to 5 µF
Capacitance Tolerance @ 1 kHz/25 ºC
±10% (K) Standard Tolerance, ±5% (J)/±20% (M) (Optional)
Rated Voltage
50 to 630 Vdc
Operating Temperature Range
–55 ºC to 125 ºC*
*Full rated voltage at 85 ºC - derated linearly to 50% rated at 125 ºC
Insulation Resistance
30,000 MΩ x µF, 100,000 MΩ Min.
Dissipation Factor
.75% Max. (25 °C, 1 kHz)
Dielectric Strength
250%
Life Test
500 Hours at 85 °C at 125% Rated Voltage
RoHS Compliant
Dimensions
Construction Details
Case Material
UL510 Polyester Tape Wrap
Resin Material
UL94V-0 Epoxy Fill
Terminal Material
Tin Plated Copper - Clad Steel
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Highlights
- Very high dV/dt
- Very high peak current
- Low inductance
Min.
Min.
d


Similar Part No. - WMF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMF CDE-WMF Datasheet
316Kb / 4P
Film/Foil, Axial Leads - Commercial, Industrial Applications
logo
Brady Worldwide, Inc.
WMF BRADY-WMF Datasheet
332Kb / 4P
Miniature Circuit Breaker Lockout - Pin Out Standard
10/03/2017
logo
Cornell Dubilier Electr...
WMF05P12K-F CDE-WMF05P12K-F Datasheet
316Kb / 4P
Film/Foil, Axial Leads - Commercial, Industrial Applications
logo
List of Unclassifed Man...
WMF05P15K-F ETC2-WMF05P15K-F Datasheet
185Kb / 2P
Commercial, Industrial Applications
logo
Cornell Dubilier Electr...
WMF05P15K-F CDE-WMF05P15K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
More results

Similar Description - WMF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
Polyester Film Capacitors
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
Polyester Film Capacitors
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
Polyester Film Capacitors
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
Polyester Film Capacitors
PEN MERITEK-PEN Datasheet
106Kb / 1P
Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
POLYESTER FILM CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com